Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R5F64110NFB Datasheet(PDF) 101 Page - Renesas Technology Corp

No. de pieza R5F64110NFB
Descripción Electrónicos  RENESAS MCU
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64110NFB Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button R5F64110NFB Datasheet HTML 97Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 98Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 99Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 100Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 101Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 102Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 103Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 104Page - Renesas Technology Corp R5F64110NFB Datasheet HTML 105Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 101 / 105 page
background image
A- 2
15, 16
• “Interrupt table register” in Figure 2.1 and 2.1.6 changed to “Interrupt
vector table base register”
18
• Scribal error: “24 bit” in 2.2.2 corrected to “32 bit”
Chapter 3
19
• Descriptions for this chapter and Figure 3.1 modified
Chapter 4
20
• “(SFR)” of chapter title changed to “(SFRs)”
• Description for initial paragraph of Chapter 4 modified
• Reset value for CCR and PBC in Table 4.1 changed
21, 22
• “UARTi Bus Collision Detection Interrupt Control Register” (i = 0 to 6)
in Tables 4.2 and 4.3 changed to “UARTi Bus Collision, Start/Stop
Condition Detection Interrupt Control Register”
• “DMAi interrupt” in Tables 4.2 and 4.3 changed to “DMAi transfer
complete interrupt”
22
• Reset value for IIO3IR and IIO8IR to IIO11R in Table 4.3 modified
25
• Scribal error: address “00010Fh” added to Table 4.6
32
• “Upward/Downward Counting Select Register” in Table 4.13 changed
to “Increment/Decrement Counting Select Register”
38
• CSOP2 for address 040056h in Table 4.19 deleted
• Reset value for CM3 in Table 4.19 changed
43
• “DMAi Source Select Register i” in Table 4.24 changed to “DMAi
Request Source Select Register i”
Chapter 5
—
• This chapter newly added
Appendix 1
81
• “Package Dimension” as title changed to “Package Dimensions”
1.10
Sep 17, 2009
—
Third edition released
—
The manual in general
• Added 100-pin plastic molded LGA and 80- and 64-pin plastic molded
LQFP packages
• When new tables/figures are added for 80-/64-pin packages, add the
following description: “(for the 100-pin package)” to the title of
corresponding current tables/figures
Chapter 1. Overview
1
• Added description for 100-pin LGA and 80-/64-pin packages to lines
12 and 13 of 1.1; Added description “a maximum of” to “nine channels
of serial interface”; Deleted the whole description of “Notes to users”
2
• Changed minimum RAM size “40” in Table 1.1, to “32”
• Modified description for “External Bus Expansion”, to Table 1.1; Moved
this unit below “Clock”
3
• Added “(optional)” for IEBus mode for “Intelligent I/O” in Table 1.2
• Modified description for “Flash memory” in Tables 1.2
• Added “100-pin plastic molded TFLGA (PTLG0100KA-A)” to Table 1.2
4-7
• Added Tables 1.3 to 1.6 to provide specifications for 80-/64-pin
packages
REVISION HISTORY
R32C/111 Group Datasheet
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com