Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RA89 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No. de pieza RA89
Descripción Electrónicos  Cascadable Amplifier 5 to 500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

RA89 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  RA89 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. RA89 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
5 to 500 MHz
Rev. V2
RA89 / SMRA89
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
3-700
5-500
5-500
Small Signal Gain (min)
dB
26.5
25.5
25.0
Gain Flatness (max)
dB
±0.2
±0.7
±1.0
Reverse Isolation
dB
36
Noise Figure (max)
dB
3.7
4.5
5.0
Power Output
@ 1 dB comp. (min)
dBm
21.5
20.5
20.0
IP3
dBm
+35
IP2
dBm
+55
Second Order Harmonic IP
dBm
+65
VSWR Input / Output (max)
1.5:1 / 1.5:1
1.8:1 / 1.8:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
130
136
139
Features
• HIGH GAIN - TWO STAGES: 26.5 dB (TYP.)
• HIGH OUTPUT POWER: +21.5 dBm (TYP.)
• HIGH THIRD-ORDER IP: +35 dBm (TYP.)
Description
The RA89 RF amplifier is a discrete hybrid design, which uses
thin film manufacturing processes for consistent performance
and high reliability.
This 2 stage bipolar transistor feedback amplifier design
displays impressive performance over a broadband
frequency range. An active DC biasing network insures
temperature-stable performance.
Both TO-8B and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available.
Product Image
Ordering Information
Part Number
Package
RA89
TO-8B
SMRA89
Surface Mount
CRA89 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.781 W
Junction Temperature Rise
Above Case Tjc
35ºC
* Over temperature performance limits for part number CRA89, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Número de pieza similar - RA89

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
RA89 MACOM-RA89 Datasheet
487Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
RA89-1 MACOM-RA89-1 Datasheet
467Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
RA89-1-SMRA89-1 MA-COM-RA89-1-SMRA89-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
RA89-SMRA89 MA-COM-RA89-SMRA89 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results

Descripción similar - RA89

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
A54 MA-COM-A54 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
logo
Tyco Electronics
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
   5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
   5 TO 500 MHZ CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A73 MA-COM-A73 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A74-2 MA-COM-A74-2 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A74 MA-COM-A74 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
EA54-2 MA-COM-EA54-2 Datasheet
125Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
A58 MA-COM-A58 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A59 MA-COM-A59_15 Datasheet
635Kb / 3P
   Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54_15 Datasheet
643Kb / 3P
   Cascadable Amplifier 5 to 500 MHz
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com