Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM-119 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No. de pieza AM-119
Descripción Electrónicos  High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-119 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM-119 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-119 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-119 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
High Performance Amplifier,
8 dB Gain, 30 - 250 MHz
Rev. V4
AM-119 / AMC-119
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• 2.3 dB Typical Midband Noise Figure
• +23 dBm Typical Midband Output Power
• +40 dBm Typical Midband Third Order Intercept
Description
M/A-COM’s AM-119 is a coupler feedback amplifier
with high intercept and compression points. The use
of coupler feedback minimizes noise figure and
current in a high intercept amplifier. This amplifier is
packaged in a TO-8 package. Due to the internal
power dissipation the thermal rise minimized. The
ground plane on the PC board should be configured
to remove heat from under the package. AM-119 is
ideally suited for use where a high intercept, high
reliability amplifier is required.
TO-8-1
Absolute Maximum Ratings
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Ordering Information
Part Number
Package
AM-119 PIN
4
TO-8-1
AMC-119 SMA
Connectorized
Parameter
Absolute Maximum
Max. Input Power
+13 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
Outline Drawing: SMA Connectorized
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
4. Mounting kit part number AU00071 required for PCB
applications.


Número de pieza similar - AM-119

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
AM-119 MACOM-AM-119 Datasheet
205Kb / 3P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
logo
M/A-COM Technology Solu...
AM-119 MA-COM-AM-119 Datasheet
555Kb / 4P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
AM-119-AMC-119 MA-COM-AM-119-AMC-119 Datasheet
81Kb / 3P
High Performance Amplifier
AM-119-AMC-119 MA-COM-AM-119-AMC-119_15 Datasheet
81Kb / 3P
High Performance Amplifier
logo
Tyco Electronics
AM-119PIN MACOM-AM-119PIN Datasheet
217Kb / 3P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
More results

Descripción similar - AM-119

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
AM-AMC-119 MACOM-AM-AMC-119 Datasheet
217Kb / 3P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
AM-AMC-132 MACOM-AM-AMC-132 Datasheet
86Kb / 3P
High Performance Amplifier, 10 dB Gain, 5 - 200 MHz
AM-AMC-134 MACOM-AM-AMC-134 Datasheet
253Kb / 3P
High Performance Amplifier, 15 dB Gain, 5 - 200 MHz
AM-AMC-136 MACOM-AM-AMC-136 Datasheet
255Kb / 3P
High Performance Amplifier, 20 dB Gain, 10 - 200 MHz
AM-AMC-138 MACOM-AM-AMC-138 Datasheet
255Kb / 3P
High Performance Amplifier, 25 dB Gain, 10 - 200 MHz
AM-AMC-146 MACOM-AM-AMC-146 Datasheet
242Kb / 3P
High Performance Amplifier, 21 dB Gain, 10 - 500 MHz
AM-AMC-147 MACOM-AM-AMC-147 Datasheet
224Kb / 3P
High Performance Amplifier, 17 dB Gain, 5 - 500 MHz
AM-119 MACOM-AM-119 Datasheet
205Kb / 3P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
logo
M/A-COM Technology Solu...
AM-123 MA-COM-AM-123 Datasheet
79Kb / 3P
High Performance Amplifier, 10 dB Gain 5 - 500 MHz
AM-119 MA-COM-AM-119_15 Datasheet
555Kb / 4P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com