Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MD-0103-BXT-OCXO Datasheet(PDF) 7 Page - Vectron International, Inc

No. de pieza MD-0103-BXT-OCXO
Descripción Electrónicos  GPS Disciplined Oscillator Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VECTRON [Vectron International, Inc]
Página de inicio  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MD-0103-BXT-OCXO Datasheet(HTML) 7 Page - Vectron International, Inc

  MD-0103-BXT-OCXO Datasheet HTML 1Page - Vectron International, Inc MD-0103-BXT-OCXO Datasheet HTML 2Page - Vectron International, Inc MD-0103-BXT-OCXO Datasheet HTML 3Page - Vectron International, Inc MD-0103-BXT-OCXO Datasheet HTML 4Page - Vectron International, Inc MD-0103-BXT-OCXO Datasheet HTML 5Page - Vectron International, Inc MD-0103-BXT-OCXO Datasheet HTML 6Page - Vectron International, Inc MD-0103-BXT-OCXO Datasheet HTML 7Page - Vectron International, Inc MD-0103-BXT-OCXO Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Ordering Information Instructions
The MD-010 series of GPS disciplined oscillators has multiple options with embedded OCXOs, Double OCXOs, EMXOs and TCXOs. Options
are created to optimize customer hold over requirements while meeting pricing needs. Customization to unique customer requirements
is available and is common for this level of integration. Common customizations include alternate output frequencies, temperature ranges,
differing values and methods of hold over specification, and holdover optimization in the frequency domain. . Not all combinations of codes are
available. The table below lists exisiting combinations available as of the date of publication of this data sheet. Please contact the factory for
additional options.
7
Available Models (standard models highlighted)
MD-0100-DXD-TCXO-10M0000000
MD-0102-DXD-HPTC-10M0000000
MD-0101-DXD-EMXO-10M0000000
MD-0100-DXE-TCXO-10M0000000
MD-0102-DXE-HPTC-10M0000000
MD-0101-DXE-EMXO-10M0000000
MD-0100-DXJ-TCXO-10M0000000
MD-0102-DXJ-HPTC-10M0000000
MD-0101-DXJ-EMXO-10M0000000
MD-0100-DXT-TCXO-10M0000000
MD-0102-DXT-HPTC-10M0000000
MD-0101-DXT-EMXO-10M0000000
MD-0101-DXD-DAEM-10M0000000
MD-0103-DXD-OCXO-10M0000000
MD-0103-DXD-DAOC-10M0000000
MD-0101-DXE-DAEM-10M0000000
MD-0103-DXE-OCXO-10M0000000
MD-0103-DXE-DAOC-10M0000000
MD-0101-DXJ-DAEM-10M0000000
MD-0103-DXJ-OCXO-10M0000000
MD-0103-DXJ-DAOC-10M0000000
MD-0101-DXT-DAEM-10M0000000
MD-0103-DXT-OCXO-10M0000000
MD-0103-DXT-DAOC-10M0000000
MD-0103-BXJ-OCXO-10M0000000
MD-0103-BXT-OCXO-10M0000000
MD-0104-DXJ-DOCX-10M0000000
MD-0104-DXT-DOCX-10M0000000
Vectron Partnumber
Description
MD-010-EK
MD-010X-XXX-XXXX Module with Evaluation Kit
C6001A1-0001
GPS Timing Antenna, Active, +5Vdc
C6001A1-0002
Antenna Cable, 10 meter length, N-Plug to SMA Plug
Accessories
Ordering Information
MD - 010 3 - B X J - OCXO - 10M0000000
Product Family
MD: Precision Modules
Package
65x115mm
Height
0: 11 mm
1: 11.8 mm
2: 13 mm
3: 19.5 mm
4: 21.3mm
5: 25 mm
6: 30 mm
Supply Voltage
A: + 15V
B: +12V
D: +5V
Embedded Oscillator
TCXO (Temperature Compensated XO)
HPTC (High Precision TCXO)
EMXO (Evacuated Miniaturized Oven Controlled XO)
DAEM (Digitally Assisted EMXO)
OCXO (Oven Controlled XO)
DAOC (Digitally Assisted OCXO)
DOCX (Double Oven Controlled XO)
Frequency
RF Output Code
X: standard outputs
per specification
Temperature Range
D: -40°C to +70°C
E: -40°C to +85°C
J: -20°C to +70°C
T: 0°C to +70°C


Número de pieza similar - MD-0103-BXT-OCXO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
MD-010 VECTRON-MD-010 Datasheet
843Kb / 8P
Disciplined Oscillator Module
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
Disciplined Oscillator Module
More results

Descripción similar - MD-0103-BXT-OCXO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
MD-0110-DXD-TCXO VECTRON-MD-0110-DXD-TCXO Datasheet
968Kb / 8P
GPS Disciplined Oscillator Module
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
Disciplined Oscillator Module
MD-996-0001 VECTRON-MD-996-0001 Datasheet
215Kb / 3P
Disciplined Oscillator Module
MD-996-00002 VECTRON-MD-996-00002 Datasheet
249Kb / 4P
Disciplined Oscillator Module
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
GPS-Disciplined Rubidium Clock
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
GPS-Disciplined Rubidium Clock
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
GPS Disciplined Oscillators
FTS125-CTV-010.0 CONNOR-WINFIELD-FTS125-CTV-010.0 Datasheet
875Kb / 10P
GPS Disciplined Oscillators
logo
Vectron International, ...
MD-171 VECTRON-MD-171 Datasheet
1Mb / 7P
High Stability GNSS Disciplined Oscillator Module
MD-261 VECTRON-MD-261 Datasheet
717Kb / 7P
GNSS Disciplined Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com