Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MD-0103-BXT-OCXO Datasheet(PDF) 6 Page - Vectron International, Inc

No. de pieza MD-0103-BXT-OCXO
Descripción Electrónicos  GPS Disciplined Oscillator Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VECTRON [Vectron International, Inc]
Página de inicio  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MD-0103-BXT-OCXO Datasheet(HTML) 6 Page - Vectron International, Inc

  MD-0103-BXT-OCXO Datasheet HTML 1Page - Vectron International, Inc MD-0103-BXT-OCXO Datasheet HTML 2Page - Vectron International, Inc MD-0103-BXT-OCXO Datasheet HTML 3Page - Vectron International, Inc MD-0103-BXT-OCXO Datasheet HTML 4Page - Vectron International, Inc MD-0103-BXT-OCXO Datasheet HTML 5Page - Vectron International, Inc MD-0103-BXT-OCXO Datasheet HTML 6Page - Vectron International, Inc MD-0103-BXT-OCXO Datasheet HTML 7Page - Vectron International, Inc MD-0103-BXT-OCXO Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package Outline
Specifications
Notes:
RF and 1pps input and output connectors are MCX type (SMA, SMB, MMCX connectors
require additional part numbers).
Keyed connector is Samtec FTSH-108-01LDVK type.
Dimensions: mm
Module height in part number is the sum of oscillator height, board, and clearance
Environmental Conditions
Parameter
Min
Typical
Max
Units
Condition
Operating temperature
see ordering information for avaialble ranges
Humidity @ 40˚C
90
%
Storage Temperature
-55
+125
˚C
Package Outline
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
16 Pin I/O Connections
Number
Name
Description
1
PPS In
External 1 PPS Input
2
PPS Out
1 PPS Output
3
Ground
Ground
4
Ground
Ground
5
Rx
Serial Communications Receive
6
Tx
Serial Communications Transmit
7
Vcc
Power Supply
8
RF Out
RF HCMOS Output
9
Locked
Logic-high = Output locked to GPS
10
Module OK
Logic low = Failure with module operation
11
ManHold
Manual Holdover Input
12
Reset
Hardware reset
13
Ground
Ground
14
Ground
Ground
15
Vcc
Power Supply
16
Vcc
Power Supply
Handling Precautions
Although ESD protection circuitry has been designed into the MD-011 proper precautions should be taken when handling and mounting. VI
employs a human body model (HBM) and a charged-device model (CDM) for ESD susceptibility testing and design protection evaluation.
ESD Ratings
Model
Minimum
Conditions
Human body model
1500 V
MIL-STD-833, Method 3015
Charged device model
1000 V
JEDEC, JESD22-C101
Reliability
VI qualification includes aging various extreme temperatures, shock and vibration, temperature cycling, and IR reflow simulation.
The MD-011 family is capable of meeting the following qualification tests:
Environmental Compliance
Parameter
Conditions
Mechanical shock
MIL-STD-202, Method 213 condition B
Mechanical vibration
MIL-STD-202, Method 204 condition A
Resistance to solvents
MIL-STD-202, Method 215
6
oscillator
height


Número de pieza similar - MD-0103-BXT-OCXO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
MD-010 VECTRON-MD-010 Datasheet
843Kb / 8P
Disciplined Oscillator Module
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
Disciplined Oscillator Module
More results

Descripción similar - MD-0103-BXT-OCXO

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
MD-0110-DXD-TCXO VECTRON-MD-0110-DXD-TCXO Datasheet
968Kb / 8P
GPS Disciplined Oscillator Module
MD-010 VECTRON-MD-010_1 Datasheet
843Kb / 8P
Disciplined Oscillator Module
MD-996-0001 VECTRON-MD-996-0001 Datasheet
215Kb / 3P
Disciplined Oscillator Module
MD-996-00002 VECTRON-MD-996-00002 Datasheet
249Kb / 4P
Disciplined Oscillator Module
logo
Connor-Winfield Corpora...
FTS125-COO-010.0 CONNOR-WINFIELD-FTS125-COO-010.0 Datasheet
720Kb / 10P
GPS Disciplined Oscillators
FTS125-CTV-010.0 CONNOR-WINFIELD-FTS125-CTV-010.0 Datasheet
875Kb / 10P
GPS Disciplined Oscillators
logo
Vectron International, ...
AR-51-09 VECTRON-AR-51-09 Datasheet
699Kb / 8P
GPS-Disciplined Rubidium Clock
MD-171 VECTRON-MD-171 Datasheet
1Mb / 7P
High Stability GNSS Disciplined Oscillator Module
AR-51-07 VECTRON-AR-51-07 Datasheet
622Kb / 8P
GPS-Disciplined Rubidium Clock
MD-261 VECTRON-MD-261 Datasheet
717Kb / 7P
GNSS Disciplined Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com