Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1300410016 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 1300410016
Descripción Electrónicos  Brad짰 Foundation Fieldbus Cordsets and Receptacles
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1300410016 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300410016 Datasheet HTML 1Page - Molex Electronics Ltd. 1300410016 Datasheet HTML 2Page - Molex Electronics Ltd. 1300410016 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
n
Mini-Change and Micro-Change are proven,
rugged connector designs
n
IP67-rated connectors provide a dust-tight and
water-tight connection
n
Quick-connect, modular wiring system with
keyed, pre-wired molded connectors provide
fast installation that eliminates field wiring errors
n
Foundation Fieldbus ‘Type A’ compliant shielded
cables allows users to take full advantage of the
maximum run lengths possible per the protocol while
minimizing the potential for communication errors
n
Stainless steel or nickel plated cordset coupling nuts
and receptacle shells ensure corrosion resistance in
demanding environments
Features and Benefits
Mini-Change
Micro-Change
Molex releases the Brad Mini-Change and Micro-Change molded connection systems for fast,
error-free Foundation Fieldbus installations
Foundation Fieldbus is a communication protocol used
to interconnect field-level instrumentation and control
devices to a PLC (Programmable Logic Controller)
or DCS (Distributed Control System) controller in
a process automation control system. Foundation
Fieldbus is employed in the control systems of oil & gas
production, refineries, petrochemical plants, chemical
manufacturing and pharmaceutical manufacturing.
At the physical-layer level, Foundation Fieldbus allows
multiple devices to communicate digitally over the
same wire. The Foundation Fieldbus physical layer,
i.e., cable/transmission signal requirements, is
specified in the ISA SP50.02 and IEC 1158-2 standard
for fieldbuses. The cable specifications are listed in
the Cable Standard FF-844 , which is issued by the
Fieldbus Foundation, the organization that controls
Brad® Foundation Fieldbus
Cordsets and Receptacles
130041 Mini-Change® FF
Cordsets
130042 Micro-Change® FF
Cordsets
130040 Micro-Change &
Mini-Change FF
Receptacles
130045 Micro-Change &
Mini-Change Tees
130044 Micro-Change &
Mini-Change Field
Attachables
and maintains this open standard. Brad Foundation
Fieldbus products from Molex are fully complaint to
these specifications.
Brad Foundation Fieldbus products from Molex are
based on the proven Mini-Change and Micro-Change
circular, circular connector families. These sealed,
watertight connectors offer the ruggedness required
in the most demanding industrial applications. The
pre-wired, keyed connectors provide a modular
wiring system that is not prone to field wiring
termination errors.
For additional product information visit:
www.molex.com/link/fieldbus.html.
Electrical
Voltage (max.): 300V AC/DC
Amperage (max.): 10A
Initial Contact Resistance: < 5mΩ avg. @ 3
Resistance after Durability Testing: < 5mΩ avg. @ 3
Mechanical
Molded Body: PVC
Insert: PVC
Contact: Patented, Quad-Beam Design. Brass with
Gold Plate. Stainless Steel Outer Sleeve
Coupling Nut / Receptacle Shell: 316 Stainless Steel
or Nickel Plated Brass
Axial Pull Strength: 100 lbs
Side Load Strength: 20 lbs
Environmental
Environmental Seal: IP67
Cable Temperature: -40° to +105°C (-40° to +221°F)
Electrical
Voltage (max.): 250V AC / DC
Amperage (max.): 4A
Initial Contact Resistance: < 5mΩ avg. @ 3
Resistance after Durability Tests: < 5mΩ avg. @ 3
Mechanical
Molded Body: PVC
Insert: Nylon
Contact: Brass with Gold Plate.
O-ring: Viton
Coupling Nut / Receptacle Shell: 316 Stainless Steel
or Nickel Plated Brass
Axial Pull Strength: 50 lbs.
Side Load Strength: 20 lbs.
Environmental
Environmental Seal: IP67
Cable Temperature: -40° to +105°C (-40° to +221°F)


Número de pieza similar - 1300410016

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Aries Electronics, Inc.
13004 ARIES-13004 Datasheet
926Kb / 1P
Series 800 Vertisocket w/Collet Contacts for Vertical Mounting
logo
Heyco.
13004 HEYCO-13004 Datasheet
129Kb / 1P
Nytyes® with Stainless Steel Locking Device
13004 HEYCO-13004 Datasheet
129Kb / 1P
Nytyes® with Stainless Steel Locking Device
logo
Evolt
13004 EKTOR-13004 Datasheet
111Kb / 1P
SMART DRIVER CONSTANT CURRENT
31st of January 2025 07:13:13
logo
Molex Electronics Ltd.
1300420024 MOLEX-1300420024 Datasheet
27Kb / 1P
Micro-Change (M12) Single-Ended Cordset, 4 Poles, Female Straight to Pigtail, 2.0m (6.56) Length, Nickel (Ni) Plated Brass Coupler, Shielded PVC Cable
02/01/2023
More results

Descripción similar - 1300410016

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC8740H TI1-DAC8740H Datasheet
239Kb / 8P
HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
DAC8740H TI1-DAC8740H_17 Datasheet
259Kb / 11P
HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
DAC8740H TI1-DAC8740H_18 Datasheet
1Mb / 53P
DAC874xH, HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
logo
Pepperl+Fuchs Inc.
KT-SRT-FF PF-KT-SRT-FF Datasheet
1Mb / 3P
Starter Kit for FOUNDATION Fieldbus H1 Infrastructure
2021-01-12
logo
Molex Electronics Ltd.
130299-0100 MOLEX11-130299-0100 Datasheet
596Kb / 2P
Brad짰 Micro-Change짰 M12 Harsh-Duty Receptacles
logo
PHOENIX CONTACT
2316050 PHOENIX-2316050 Datasheet
57Kb / 3P
Trunk module for Foundation Fieldbus and PROFIBUS PA modular device couplers with terminator
2316052 PHOENIX-2316052 Datasheet
63Kb / 4P
Device coupler for Foundation Fieldbus and PROFIBUS PA with terminal connections for two spurs connected to fieldbus end devices
logo
Belden Inc.
S1333NH BELDEN-S1333NH Datasheet
103Kb / 3P
Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
SI1344A BELDEN-SI1344A Datasheet
103Kb / 3P
Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
S1331NH BELDEN-S1331NH Datasheet
104Kb / 3P
Multi-Conductor - DataBus짰 ISA/SP-50 FOUNDATION Fieldbus or PROFIBUS Cable
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com