| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AX2000-1CS896B Datasheet(PDF) 182 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896B Datasheet(HTML) 182 Page - Actel Corporation |
|
182 / 226 page ![]() Axcelerator Family FPGAs 3- 76 v2.7 NC AL29 NC AM19 NC AM7 NC AN13 NC AN17 NC AN25 NC AN27 NC AN8 NC AP17 NC AP9 NC B17 NC B22 NC B27 NC B8 NC D10 NC D20 NC D23 NC D25 NC F3 NC F32 NC F33 NC F34 NC F4 NC G1 NC G32 NC G33 NC G34 NC H31 NC H33 NC J1 NC J3 NC J34 NC M1 NC M4 NC P1 NC P2 NC R31 NC T1 NC T2 1152-Pin FBGA AX2000 Function Pin Number NC V3 NC V34 NC W3 NC W34 PRA J17 PRB F18 PRC AD18 PRD AH18 TCK J9 TDI F7 TDO L10 TMS H8 TRST E6 VCCA AA13 VCCA AA22 VCCA AB14 VCCA AB15 VCCA AB16 VCCA AB17 VCCA AB18 VCCA AB19 VCCA AB20 VCCA AB21 VCCA AF8 VCCA AK28 VCCA G30 VCCA G5 VCCA N14 VCCA N15 VCCA N16 VCCA N17 VCCA N18 VCCA N19 VCCA N20 VCCA N21 VCCA P13 VCCA P22 VCCA R13 VCCA R22 1152-Pin FBGA AX2000 Function Pin Number VCCA T13 VCCA T22 VCCA U13 VCCA U22 VCCA V13 VCCA V22 VCCA W13 VCCA W22 VCCA Y13 VCCA Y22 VCCDA AF26 VCCDA AF9 VCCDA AG17 VCCDA AG18 VCCDA AH14 VCCDA AH15 VCCDA AH17 VCCDA AH20 VCCDA AH21 VCCDA AK29 VCCDA AK6 VCCDA E15 VCCDA E29 VCCDA E7 VCCDA F15 VCCDA F21 VCCDA F5 VCCDA G20 VCCDA H17 VCCDA H18 VCCDA H28 VCCDA J18 VCCDA V27 VCCDA V6 VCCIB0 A5 VCCIB0 B5 VCCIB0 C5 VCCIB0 D5 VCCIB0 L12 1152-Pin FBGA AX2000 Function Pin Number |