| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AX2000-1CS896B Datasheet(PDF) 121 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896B Datasheet(HTML) 121 Page - Actel Corporation |
|
121 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-15 VCCDA J15 VCCDA N14 VCCDA N8 VCCDA P4 VCCIB0 E6 VCCIB0 E7 VCCIB0 E8 VCCIB1 E10 VCCIB1 E11 VCCIB1 E9 VCCIB2 F12 VCCIB2 G12 VCCIB2 H12 VCCIB3 J12 VCCIB3 K12 VCCIB3 L12 VCCIB4 M10 VCCIB4 M11 VCCIB4 M9 VCCIB5 M6 VCCIB5 M7 VCCIB5 M8 VCCIB6 J5 VCCIB6 K5 VCCIB6 L5 VCCIB7 F5 VCCIB7 G5 VCCIB7 H5 VCOMPLA A7 VCOMPLB D7 VCOMPLC B9 VCOMPLD D11 VCOMPLE T10 VCOMPLF N10 VCOMPLG R8 VCOMPLH N6 VPUMP A14 256-Pin FBGA AX125 Function Pin Number 256-Pin FBGA AX250 Function Pin Number Bank 0 IO01NB0F0 B4 IO01PB0F0 B3 IO03NB0F0 A4 IO03PB0F0 A3 IO05NB0F0 B6 IO05PB0F0 B5 IO07NB0F0 A6 IO07PB0F0 A5 IO12NB0F0/HCLKAN B8 IO12PB0F0/HCLKAP B7 IO13NB0F0/HCLKBN A9 IO13PB0F0/HCLKBP A8 Bank 1 IO14NB1F1/HCLKCN C10 IO14PB1F1/HCLKCP C9 IO15NB1F1/HCLKDN B11 IO15PB1F1/HCLKDP B10 IO17NB1F1 A13 IO17PB1F1 A12 IO19NB1F1 B13 IO19PB1F1 B12 IO21NB1F1 C12 IO21PB1F1 C11 IO23NB1F1 A15 IO23PB1F1 B14 IO26NB1F1 C15 IO26PB1F1 C14 IO27NB1F1 D13 IO27PB1F1 D12 Bank 2 IO29NB2F2 F13 IO29PB2F2 E13 IO30NB2F2 F14 IO30PB2F2 E14 IO32NB2F2 C16 IO32PB2F2 B16 IO33NB2F2 F15 IO33PB2F2 E15 IO35NB2F2 H13 IO35PB2F2 G13 IO36NB2F2 E16 IO36PB2F2 D16 IO38NB2F2 H15 IO38PB2F2 G15 IO39NB2F2 H14 IO39PB2F2 G14 IO40NB2F2 G16 IO40PB2F2 F16 IO43NB2F2 K15 IO43PB2F2 K16 IO44NB2F2 J16 IO44PB2F2 H16 Bank 3 IO45NB3F3 K13 IO45PB3F3 J13 IO46NB3F3 K14 IO46PB3F3 J14 IO52NB3F3 L15 IO52PB3F3 L16 IO54NB3F3 P16 IO54PB3F3 N16 IO55PB3F3 M16 IO56NB3F3 P15 IO56PB3F3 R16 IO58NB3F3 N15 IO58PB3F3 M15 IO59NB3F3 M13 IO59PB3F3 L13 IO61NB3F3 M14 IO61PB3F3 L14 Bank 4 IO62NB4F4 N12 IO62PB4F4 N13 IO63NB4F4 T14 IO63PB4F4 R14 256-Pin FBGA AX250 Function Pin Number |