| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AX2000-1CSG896M Datasheet(PDF) 134 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CSG896M Datasheet(HTML) 134 Page - Actel Corporation |
|
134 / 226 page ![]() Axcelerator Family FPGAs 3- 28 v2.7 IO40PB1F3 D20 IO41NB1F3 G16 IO41PB1F3 G15 Bank 2 IO42NB2F4 F19 IO42PB2F4 E19 IO43NB2F4 J16 IO43PB2F4 H16 IO44NB2F4 E22 IO44PB2F4 D22 IO45NB2F4 H19 IO45PB2F4 G19 IO46NB2F4 G22 IO46PB2F4 F22 IO47NB2F4 J17 IO47PB2F4 H17 IO48NB2F4 G20 IO48PB2F4 F20 IO49NB2F4 J18 IO49PB2F4 H18 IO50NB2F4 G21 IO50PB2F4 F21 IO51NB2F4 K19 IO51PB2F4 J19 IO52NB2F5 J21 IO52PB2F5 H21 IO53NB2F5 J20 IO53PB2F5 H20 IO54NB2F5 J22 IO54PB2F5 H22 IO55NB2F5 L17 IO55PB2F5 K17 IO56NB2F5 K21 IO56PB2F5 K22 IO58NB2F5 L20 IO58PB2F5 K20 IO59NB2F5 L18 IO59PB2F5 K18 484-Pin FBGA AX500 Function Pin Number IO60NB2F5 M21 IO60PB2F5 L21 IO61NB2F5 L16 IO61PB2F5 K16 IO62NB2F5 M19 IO62PB2F5 L19 Bank 3 IO63NB3F6 N16 IO63PB3F6 M16 IO64NB3F6 P22 IO64PB3F6 N22 IO65NB3F6 N20 IO65PB3F6 M20 IO66NB3F6 P21 IO66PB3F6 N21 IO67NB3F6 N18 IO67PB3F6 N19 IO68NB3F6 T22 IO68PB3F6 R22 IO69NB3F6 N17 IO69PB3F6 M17 IO70NB3F6 T21 IO70PB3F6 R21 IO71NB3F6 P18 IO71PB3F6 P19 IO72NB3F6 R20 IO72PB3F6 P20 IO73PB3F6 R19 IO74NB3F7 V21 IO74PB3F7 U21 IO75NB3F7 V22 IO75PB3F7 U22 IO76NB3F7 U20 IO76PB3F7 T20 IO77NB3F7 R17 IO77PB3F7 P17 IO78NB3F7 W21 IO78PB3F7 W22 484-Pin FBGA AX500 Function Pin Number IO79NB3F7 T18 IO79PB3F7 R18 IO80NB3F7 W20 IO80PB3F7 V20 IO81NB3F7 U19 IO81PB3F7 T19 IO82NB3F7 U18 IO82PB3F7 V19 IO83NB3F7 R16 IO83PB3F7 P16 Bank 4 IO84NB4F8 AB18 IO84PB4F8 AB19 IO85NB4F8 T15 IO85PB4F8 T16 IO86NB4F8 AA18 IO86PB4F8 AA19 IO87NB4F8 W17 IO87PB4F8 V17 IO88NB4F8 Y19 IO88PB4F8 W18 IO89NB4F8 U14 IO89PB4F8 U15 IO90NB4F8 Y17 IO90PB4F8 Y18 IO91NB4F8 V15 IO91PB4F8 V16 IO92PB4F8 AB17 IO93NB4F8 Y15 IO93PB4F8 Y16 IO94NB4F9 AA16 IO94PB4F9 AA17 IO95NB4F9 AB14 IO95PB4F9 AB15 IO96NB4F9 W15 IO96PB4F9 W16 IO97NB4F9 AA13 IO97PB4F9 AB13 484-Pin FBGA AX500 Function Pin Number |