| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AX2000-1CS896PP Datasheet(PDF) 145 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896PP Datasheet(HTML) 145 Page - Actel Corporation |
|
145 / 226 page ![]() Axcelerator Family FPGAs v2.7 3-39 IO114NB5F11 AF6 IO114PB5F11 AF7 IO115NB5F11 AA10 IO115PB5F11 AB10 IO116NB5F11 AE7 IO116PB5F11 AE8 IO117NB5F11 AD7 IO117PB5F11 AD8 IO118NB5F11 AC7 IO118PB5F11 AC8 IO119NB5F11 AD6 IO119PB5F11 AE6 IO120NB5F11 AE5 IO120PB5F11 AF5 IO121NB5F11 AF4 IO121PB5F11 AE4 IO122NB5F11 AC5 IO122PB5F11 AC6 IO123NB5F11 AD4 IO123PB5F11 AD5 IO124NB5F11 AB6 IO124PB5F11 AB7 IO125NB5F11 AE3 IO125PB5F11 AF3 Bank 6 IO126NB6F12 AB3 IO126PB6F12 AC3 IO127NB6F12 AA2 IO127PB6F12 AB2 IO128NB6F12 AC2 IO128PB6F12 AD2 IO129NB6F12 Y1 IO129PB6F12 AA1 IO130NB6F12 Y3 IO130PB6F12 AA3 IO131NB6F12 U6 IO131PB6F12 V6 IO132NB6F12 W2 IO132PB6F12 Y2 676-Pin FBGA AX500 Function Pin Number IO133NB6F12 V4 IO133PB6F12 W4 IO134NB6F12 V3 IO134PB6F12 W3 IO135NB6F12 V1 IO135PB6F12 V2 IO136NB6F13 U4 IO136PB6F13 U5 IO137NB6F13 T6 IO137PB6F13 T7 IO138NB6F13 T5 IO138PB6F13 T4 IO139NB6F13 R6 IO139PB6F13 R7 IO140NB6F13 T3 IO140PB6F13 U3 IO141NB6F13 U1 IO141PB6F13 U2 IO142NB6F13 R2 IO142PB6F13 T2 IO143NB6F13 P3 IO143PB6F13 R3 IO144NB6F13 P5 IO144PB6F13 P4 IO145NB6F13 P6 IO145PB6F13 P7 IO146NB6F13 R1 IO146PB6F13 T1 Bank 7 IO147NB7F14 N6 IO147PB7F14 N7 IO148NB7F14 N5 IO148PB7F14 N4 IO149NB7F14 N2 IO149PB7F14 N3 IO150NB7F14 L1 IO150PB7F14 M1 IO151NB7F14 M2 IO151PB7F14 M3 676-Pin FBGA AX500 Function Pin Number IO152NB7F14 M5 IO152PB7F14 M4 IO153NB7F14 M7 IO153PB7F14 M6 IO154NB7F14 K2 IO154PB7F14 L2 IO155NB7F14 K3 IO155PB7F14 L3 IO156NB7F14 L5 IO156PB7F14 L4 IO157NB7F14 L6 IO157PB7F14 L7 IO158NB7F15 J1 IO158PB7F15 K1 IO159NB7F15 J4 IO159PB7F15 K4 IO160NB7F15 H2 IO160PB7F15 J2 IO161NB7F15 K6 IO161PB7F15 K5 IO162NB7F15 H3 IO162PB7F15 J3 IO163NB7F15 G2 IO163PB7F15 G1 IO164NB7F15 G4 IO164PB7F15 H4 IO165NB7F15 F3 IO165PB7F15 G3 IO166NB7F15 E2 IO166PB7F15 F2 IO167NB7F15 F5 IO167PB7F15 G5 Dedicated I/O GND A1 GND A13 GND A14 GND A19 GND A26 GND A8 676-Pin FBGA AX500 Function Pin Number |