| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AT85C5122D-RDRUM Datasheet(PDF) 163 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT85C5122D-RDRUM Datasheet(HTML) 163 Page - ATMEL Corporation |
|
163 / 208 page ![]() 163 AT83R5122, AT8xC5122/23 4202F–SCR–07/2008 Reset Value = X000 0000b (Not bit addressable) Table 102. Interrupt Priority High Register 0 - IPH0 (B7h) 7654 3210 - - - PSH PT1H PX1H PT0H PX0H Bit Number Bit Mnemonic Description 7 - 5 - Reserved The value read from this bit is indeterminate. Do not change these bits. 4PSH Serial port Priority High bit PSH PSL Priority Level 0 0 Lowest 01 10 1 1 Highest 3PT1H Timer 1 overflow interrupt Priority High bit PT1H PT1L Priority Level 0 0 Lowest 01 10 1 1 Highest 2PX1H External interrupt 1 Priority High bit PX1H PX1L Priority Level 0 0 Lowest 01 10 1 1 Highest 1PT0H Timer 0 overflow interrupt Priority High bit PT0H PT0L Priority Level 0 0 Lowest 01 10 1 1 Highest 0PX0H External interrupt 0 Priority High bit PX0H PX0L Priority Level 0 0 Lowest 01 10 1 1 Highest |