Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCD-240G128D Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza LCD-240G128D
Descripción Electrónicos  240 x 128 Dots Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-240G128D Datasheet(HTML) 2 Page - Vishay Siliconix

  LCD-240G128D Datasheet HTML 1Page - Vishay Siliconix LCD-240G128D Datasheet HTML 2Page - Vishay Siliconix LCD-240G128D Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 37253
Revision 01-Oct-02
www.vishay.com
132
LCD-240G128D
Vishay
240 x 128 Dots Graphic LCD
DIMENSIONS in millimeters
PIN NUMBER
SYMBOL
FUNCTION
1
Vss
Power Supply (GND)
2
Vdd
Power Supply (+ 5V)
3
Vo
Contrast Adjustment
4
RS
Data/Instruction Select
5
R/W
Data Read Write
6
E
Enable Signal
7
DB0
Data Bus Line
8
DB1
Data Bus Line
9
DB2
Data Bus Line
10
DB3
Data Bus Line
11
DB4
Data Bus Line
12
DB5
Data Bus Line
13
DB6
Data Bus Line
14
DB7
Data Bus Line
15
CS
Chip Select
16
Res
Rest Signal
17
Vee
Negative Voltage Output
18
NC
No Connection
19
A
Power Supply for B/L
20
K
Power Supply for B/L
152.0
± 0.5
144.0
± 0.5
128.0
114.0 (VA)
107.98 (AA)
8.0
15.0
18.01
138.0
3.0
13.74
P.2.54 X 19 = 48.26
2.0
20 - Ø 1.0 PTH
20 - Ø 2.0 PAD
4 - Ø 3.5 PTH
4 - Ø 7.0 PAD
240*128 DOTS
1.6
1.6
9.2
5.2
14.3 MAX
10.3 MAX
CCFL B/L
EL OR NO B/L
125.0
± 10
0.45
0.43
DOT SIZE
SCALE 10/1


Número de pieza similar - LCD-240G128D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LCD-240G128A VISHAY-LCD-240G128A Datasheet
112Kb / 3P
   240 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-240G128B VISHAY-LCD-240G128B Datasheet
111Kb / 3P
   240 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-240G128E VISHAY-LCD-240G128E Datasheet
112Kb / 3P
   240 x 128 Dots LCD
Revision 01-Oct-02
LCD-240G128F VISHAY-LCD-240G128F Datasheet
115Kb / 3P
   240 x 128 Dots LCD
Revision 01-Oct-02
More results

Descripción similar - LCD-240G128D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LCD-240G128B VISHAY-LCD-240G128B Datasheet
111Kb / 3P
   240 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-240G128A VISHAY-LCD-240G128A Datasheet
112Kb / 3P
   240 x 128 Dots Graphic LCD
Revision 01-Oct-02
logo
List of Unclassifed Man...
WG240128B ETC-WG240128B Datasheet
612Kb / 1P
   LCD MODULE 240 X 128 DOTS GRAPHIC
WG240128F ETC-WG240128F Datasheet
153Kb / 1P
   LCD MODULE GRAPHIC 240 X 128 DOTS
logo
Hantronix,Inc
HDM128GS24 HANTRONIX-HDM128GS24 Datasheet
38Kb / 1P
   240 X 128 Dots Graphic
logo
Vishay Siliconix
LCD-128G128B VISHAY-LCD-128G128B Datasheet
108Kb / 3P
   128 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G128A VISHAY-LCD-128G128A Datasheet
111Kb / 3P
   128 x 128 Dots Graphic LCD
Revision 01-Oct-02
logo
List of Unclassifed Man...
WG128128A ETC-WG128128A Datasheet
163Kb / 1P
   LCD MODULE GRAPHIC 128 X 128 DOTS
logo
Vishay Siliconix
LCD-128G064I VISHAY-LCD-128G064I Datasheet
109Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064B VISHAY-LCD-128G064B Datasheet
94Kb / 2P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com