Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

H8/3028F Datasheet(PDF) 633 Page - Renesas Technology Corp

No. de pieza H8/3028F
Descripción Electrónicos  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F Datasheet(HTML) 633 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 629Page - Renesas Technology Corp H8/3028F Datasheet HTML 630Page - Renesas Technology Corp H8/3028F Datasheet HTML 631Page - Renesas Technology Corp H8/3028F Datasheet HTML 632Page - Renesas Technology Corp H8/3028F Datasheet HTML 633Page - Renesas Technology Corp H8/3028F Datasheet HTML 634Page - Renesas Technology Corp H8/3028F Datasheet HTML 635Page - Renesas Technology Corp H8/3028F Datasheet HTML 636Page - Renesas Technology Corp H8/3028F Datasheet HTML 637Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 633 / 923 page
background image
Rev. 2.00, 09/03, page 603 of 890
b. After write pulse application, a verify-read is performed in program-verify mode, and
programming is judged to have been completed for bits read as 0. The following processing
is necessary for programmed bits.
When programming is completed at an early stage in the program/program-verify
procedure:
If programming is completed in the 1st to 6th reprogramming processing loop, additional
programming should be performed on the relevant bits. Additional programming should
only be performed on bits which first return 0 in a verify-read in certain reprogramming
processing.
When programming is completed at a late stage in the program/program-verify procedure:
If programming is completed in the 7th or later reprogramming processing loop, additional
programming is not necessary for the relevant bits.
c. If programming of other bits is incomplete in the 128 bytes, reprogramming processing
should be executed. If a bit for which programming has been judged to be completed is
read as 1 in a subsequent verify-read, a write pulse should again be applied to that bit.
5. The period for which the P bit in FLMCR1 is set (the write pulse width) should be changed
according to the degree of progress through the program/program-verify procedure. For
detailed wait time specifications, see section 21.2.6, Flash Memory Characteristics.
Item
Symbol
Item
Symbol
Wait time after
tsp
When reprogramming loop count (n) is 1 to 6
tsp30
P bit setting
When reprogramming loop count (n) is 7 or more
tsp200
In case of additional programming processing*
tsp10
Note: * Additional programming processing is necessary only when the reprogramming loop count
(n) is 1 to 6.
6. The program/program-verify flowchart for the H8/3028F-ZTAT is shown in figure 18.10.
To cover the points noted above, bits on which reprogramming processing is to be executed,
and bits on which additional programming is to be executed, must be determined as shown
below.
Since reprogram data and additional-programming data vary according to the progress of the
programming procedure, it is recommended that the following data storage areas (128 bytes
each) be provided in RAM.