Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

H8/3003 Datasheet(PDF) 526 Page - Renesas Technology Corp

No. de pieza H8/3003
Descripción Electrónicos  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 526 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 522Page - Renesas Technology Corp H8/3003 Datasheet HTML 523Page - Renesas Technology Corp H8/3003 Datasheet HTML 524Page - Renesas Technology Corp H8/3003 Datasheet HTML 525Page - Renesas Technology Corp H8/3003 Datasheet HTML 526Page - Renesas Technology Corp H8/3003 Datasheet HTML 527Page - Renesas Technology Corp H8/3003 Datasheet HTML 528Page - Renesas Technology Corp H8/3003 Datasheet HTML 529Page - Renesas Technology Corp H8/3003 Datasheet HTML 530Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 715 page
background image
16.2.2 External Clock Input
Circuit Configuration: An external clock signal can be input as shown in the examples in
figure 16-5. In example b, the clock should be held high in standby mode.
If the XTAL pin is left open, the stray capacitance should be 10 pF.
Figure 16-5 External Clock Input (Examples)
EXTAL
XTAL
EXTAL
XTAL
74HC04
External clock input
Open
External clock input
a. XTAL pin left open
b. Complementary clock input at XTAL pin
508