Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

H8/3003 Datasheet(PDF) 499 Page - Renesas Technology Corp

No. de pieza H8/3003
Descripción Electrónicos  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 499 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 495Page - Renesas Technology Corp H8/3003 Datasheet HTML 496Page - Renesas Technology Corp H8/3003 Datasheet HTML 497Page - Renesas Technology Corp H8/3003 Datasheet HTML 498Page - Renesas Technology Corp H8/3003 Datasheet HTML 499Page - Renesas Technology Corp H8/3003 Datasheet HTML 500Page - Renesas Technology Corp H8/3003 Datasheet HTML 501Page - Renesas Technology Corp H8/3003 Datasheet HTML 502Page - Renesas Technology Corp H8/3003 Datasheet HTML 503Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 499 / 715 page
background image
Restrictions on Usage of DMAC
•
When an external clock source is used for the serial clock, after the DMAC updates TDR,
allow an interval of at least five system clock (ø) cycles before input of the serial clock to start
transmitting. If the serial clock is input within four states of the TDR update, a malfunction
may occur. (See figure 13-22.)
•
To have the DMAC read RDR, be sure to select the SCI receive-data-full interrupt (RXI) as
the activation source with bits DTS2 to DTS0 in DTCR.
Figure 13-22 Synchronous Transmission Using DMAC (Example)
In operation with an external clock source, be sure to be t
> 4 states.
SCK
TDRE
t
D0
D1
D2
D3
D4
D5
D6
D7
Note:
481