Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M16C/62A Datasheet(PDF) 559 Page - Renesas Technology Corp

No. de pieza M16C/62A
Descripción Electrónicos  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 559 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 555Page - Renesas Technology Corp M16C/62A Datasheet HTML 556Page - Renesas Technology Corp M16C/62A Datasheet HTML 557Page - Renesas Technology Corp M16C/62A Datasheet HTML 558Page - Renesas Technology Corp M16C/62A Datasheet HTML 559Page - Renesas Technology Corp M16C/62A Datasheet HTML 560Page - Renesas Technology Corp M16C/62A Datasheet HTML 561Page - Renesas Technology Corp M16C/62A Datasheet HTML 562Page - Renesas Technology Corp M16C/62A Datasheet HTML 563Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 559 / 615 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-242
4.6 Precautions for External Bus
(1) The external ROM version can operate only in the microprocessor mode, so be sure to per-
form the following:
• Connect the CNVSS pin to Vcc.
(1) An “L” level is input to the HOLD pin.
(2) HOLD is detected.
(3) The CPU releases the bus.
(4) An “L” is output to the HLDA pin.
(5) An “H” is input to the HOLD pin.
(6) An “H” is output to the HLDA pin.
(7) The CPU not releases the bus.
(8) The CPU resumes using the bus.
BCLK
DBi
HOLD
HLDA
ALE
ADi
(1) (2) (3) (4)
(5)(6) (7)
Bus released
(8)
Indeterminate
HiZ
HiZ
HiZ
HiZ
CSn
RD/WR
Figure 4.5.1. Example of releasing the external bus