| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S2245 Datasheet(PDF) 367 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Datasheet(HTML) 367 Page - Renesas Technology Corp |
|
367 / 818 page ![]() Section 9 16-Bit Timer Pulse Unit (TPU) Rev.3.00 Mar. 26, 2007 Page 325 of 772 REJ09B0355-0300 Example of input capture operation: Figure 9.13 shows an example of input capture operation. In this example both rising and falling edges have been selected as the TIOCA pin input capture input edge, falling edge has been selected as the TIOCB pin input capture input edge, and counter clearing by TGRB input capture has been designated for TCNT. TCNT value H'0180 H'0000 TIOCA TGRA Time H'0010 H'0005 Counter cleared by TIOCB input (falling edge) H'0160 H'0005 H'0160 H'0010 TGRB H'0180 TIOCB Figure 9.13 Example of Input Capture Operation 9.4.3 Synchronous Operation In synchronous operation, the values in a number of TCNT counters can be rewritten simultaneously (synchronous presetting). Also, a number of TCNT counters can be cleared simultaneously by making the appropriate setting in TCR (synchronous clearing). Synchronous operation enables TGR to be incremented with respect to a single time base. Channels 0 to 2 can all be designated for synchronous operation. |