| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R8C2K Datasheet(PDF) 210 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K Datasheet(HTML) 210 Page - Renesas Technology Corp |
|
210 / 471 page ![]() R8C/2K Group, R8C/2L Group 16. Timers Rev.1.10 Dec 21, 2007 Page 193 of 450 REJ09B0406-0110 Figure 16.44 Block Diagram of Input Capture Function NOTES: 1. The BFC bit in the TRCMR register is set to 1 (TRCGRC register functions as the buffer register for the TRCGRA register) 2. The BFD bit in the TRCMR register is set to 1 (TRCGRD register functions as the buffer register for the TRCGRB register) 3. The trigger input of the TRCGRA register can select the TRCIOA pin input or fOCO128 signal. TRCGRA register TRC register Input capture signal(3) TRCGRC register TRCGRB register TRCGRD register TRCIOB (Note 1) (Note 2) TRCIOC TRCIOD Input capture signal Input capture signal Input capture signal Divided by 128 IOA3 = 0 IOA3 = 1 fOCO fOCO128 TRCIOA IOA3: Bit in TRCIOR0 register |