| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R8C Datasheet(PDF) 129 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C Datasheet(HTML) 129 Page - Renesas Technology Corp |
|
129 / 199 page ![]() R8C/10 Group 15. Programmable I/O Ports Rev.1.20 Jan 27, 2006 page 119 of 180 REJ09B0019-0120 Figure 15.4 Programmable I/O Port (4) Data bus Data bus P47/XOUT P46/XIN (Note 2) Clocked inverter(1) NOTES: 1. When CM05=1, CM10=1, or CM13=0, the clocked inverter is cutoff. 2. When CM10=1 or CM13=0, the feedback resistor is unconnected. 3. symbolizes a parasitic diode. Make sure the input voltage on each pin will not exceed Vcc. (Note 3) Figure 15.5 I/O Pins MODE MODE signal input CNVSS CNVSS signal input RESET RESET signal input (Note 1) (Note 1) (Note 1) NOTES: 1. symbolizes a parasitic diode. Make sure the input voltage on each pin will not exceed Vcc. |