Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN4174IS5X Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FAN4174IS5X
Descripción Electrónicos  Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4174IS5X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN4174IS5X Datasheet HTML 1Page - Fairchild Semiconductor FAN4174IS5X Datasheet HTML 2Page - Fairchild Semiconductor FAN4174IS5X Datasheet HTML 3Page - Fairchild Semiconductor FAN4174IS5X Datasheet HTML 4Page - Fairchild Semiconductor FAN4174IS5X Datasheet HTML 5Page - Fairchild Semiconductor FAN4174IS5X Datasheet HTML 6Page - Fairchild Semiconductor FAN4174IS5X Datasheet HTML 7Page - Fairchild Semiconductor FAN4174IS5X Datasheet HTML 8Page - Fairchild Semiconductor FAN4174IS5X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4174/FAN4274 • Rev. 1.0.4
3
Pin Configurations
Figure 3. FAN4174 SOT23
Figure 4. FAN4147 SC70
Figure 5. FAN4274 MSOP
FAN4174 Pin Assignments
Pin #
Name
Description
1
OUT
Output
2
-VS
Negative Supply
3
+IN
Positive Supply
4
-IN
Negative Input
5
+VS
Positive Supply
FAN4274 Pin Assignments
Pin #
Name
Description
1
OUT1
Output, Channel 1
2
-IN1
Negative Input, Channel 1
3
+IN1
Positive Input, Channel 1
4
-VS
Negative Supply
5
+IN2
Positive Input, Channel 2
6
-IN2
Negative Input, Channel 2
7
OUT2
Output, Channel 2
8
+VS
Positive Supply


Número de pieza similar - FAN4174IS5X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4174IS5X FAIRCHILD-FAN4174IS5X Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4174IS5X ONSEMI-FAN4174IS5X Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
logo
Fairchild Semiconductor
FAN4174IS5X_NL FAIRCHILD-FAN4174IS5X_NL Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
More results

Descripción similar - FAN4174IS5X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4274 FAIRCHILD-FAN4274_12 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174 Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN4931 FAIRCHILD-FAN4931 Datasheet
1Mb / 11P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
logo
Fairchild Semiconductor
KM4270 FAIRCHILD-KM4270 Datasheet
96Kb / 2P
   Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com