Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7F10BF0M3 Datasheet(PDF) 120 Page - STMicroelectronics

No. de pieza ST7F10BF0M3
Descripción Electrónicos  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0M3 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ST7F10BF0M3 Datasheet HTML 116Page - STMicroelectronics ST7F10BF0M3 Datasheet HTML 117Page - STMicroelectronics ST7F10BF0M3 Datasheet HTML 118Page - STMicroelectronics ST7F10BF0M3 Datasheet HTML 119Page - STMicroelectronics ST7F10BF0M3 Datasheet HTML 120Page - STMicroelectronics ST7F10BF0M3 Datasheet HTML 121Page - STMicroelectronics ST7F10BF0M3 Datasheet HTML 122Page - STMicroelectronics ST7F10BF0M3 Datasheet HTML 123Page - STMicroelectronics ST7F10BF0M3 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 159 page
background image
ST7LITE1xB
120/159
13.3.6 Operating conditions with ADC
TA = -40 to 125°C, unless otherwise specified
Note:
1. Current injection (negative or positive) not allowed on any analog pin.
Symbol
Parameter
Typ
Unit
IINJ(ANA)
1)
Injected current on any analog pin
0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More