Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SABRE-LL-I Datasheet(PDF) 138 Page - STMicroelectronics

No. de pieza SABRE-LL-I
Descripción Electrónicos  Combo motor driver
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SABRE-LL-I Datasheet(HTML) 138 Page - STMicroelectronics

Back Button SABRE-LL-I Datasheet HTML 133Page - STMicroelectronics SABRE-LL-I Datasheet HTML 134Page - STMicroelectronics SABRE-LL-I Datasheet HTML 135Page - STMicroelectronics SABRE-LL-I Datasheet HTML 136Page - STMicroelectronics SABRE-LL-I Datasheet HTML 137Page - STMicroelectronics SABRE-LL-I Datasheet HTML 138Page - STMicroelectronics SABRE-LL-I Datasheet HTML 139Page - STMicroelectronics SABRE-LL-I Datasheet HTML 140Page - STMicroelectronics SABRE-LL-I Datasheet HTML 141Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 138 / 141 page
background image
Pin list
SABRE-LL-I
138/141
1.
These pins must be connected all together to a unique PCB ground.
2.
Bridges1 and 2 have 2 ground pads: one is bonded to the relative ground pin (GND1 or GND2) and the
other is connected to exposed pad (E_Pad) ground ring. This makes the bond wires testing possible by
forcing a current between E-Pad and GND1 or GND2 pins and using the other pin as sense pin to measure
the resistance of E-Pad bonding. (N.B: grounds of two bridges are internally connected together).
3.
The analog ground is connected to exposed pad E-Pad.
4.
The pin must be tied to ground if bridge is not used as a stepper motor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More