Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RXD-315-KH Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza RXD-315-KH
Descripción Electrónicos  KH SERIES RECEIVER / DECODER DATA
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

RXD-315-KH Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RXD-315-KH Datasheet HTML 2Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 3Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 4Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 5Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 6Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 7Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 8Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 9Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BOARD LAYOUT GUIDELINES
If you are at all familiar with RF devices, you may be concerned about
specialized board layout requirements. Fortunately, because of the care taken by
Linx in designing the modules, integrating them is very straightforward. Despite
this ease of application, it is still necessary to maintain respect for the RF stage
and exercise appropriate care in layout and application in order to maximize
performance and ensure reliable operation. The antenna can also be influenced
by layout choices. Please review this data guide in its entirety prior to beginning
your design. By adhering to good layout principles and observing some basic
design rules, you will be on the path to RF success.
The adjacent figure shows the suggested
PCB footprint for the module. The actual pad
dimensions are shown in the Pad Layout
section of this manual. A ground plane (as
large as possible) should be placed on a
lower layer of your PC board opposite the
module. This ground plane can also be critical
to the performance of your antenna, which will
be discussed later. There should not be any
ground or traces under the module on the
same layer as the module, just bare PCB.
During prototyping, the module should be soldered to a properly laid-out circuit
board. The use of prototyping or “perf” boards will result in horrible performance
and is strongly discouraged.
No conductive items should be placed within 0.15in of the module’s top or sides.
Do not route PCB traces directly under the module. The underside of the module
has numerous signal-bearing traces and vias that could short or couple to traces
on the product’s circuit board.
The module’s ground lines should each have their own via to the ground plane
and be as short as possible.
AM / OOK receivers are particularly subject to noise. The module should, as
much as reasonably possible, be isolated from other components on your PCB,
especially high-frequency circuitry such as crystal oscillators, switching power
supplies, and high-speed bus lines. Make sure internal wiring is routed away
from the module and antenna, and is secured to prevent displacement.
The power supply filter should be placed close to the module’s VCC line.
In some instances, a designer may wish to encapsulate or “pot” the product.
Many Linx customers have done this successfully; however, there are a wide
variety of potting compounds with varying dielectric properties. Since such
compounds can considerably impact RF performance, it is the responsibility of
the designer to carefully evaluate and qualify the impact and suitability of such
materials.
The trace from the module to the antenna should be kept as short as possible.
A simple trace is suitable for runs up to 1/8-inch for antennas with wide
bandwidth characteristics. For longer runs or to avoid detuning narrow bandwidth
antennas, such as a helical, use a 50-ohm coax or 50-ohm microstrip
transmission line as described in the following section.
Page 11
Page 10
GROUND PLANE
GROUND PLANE
ON LOWER LAYER
ON LOWER LAYER
GROUND PLANE
ON LOWER LAYER
Figure 15: Suggested PCB Layout
Dielectric Constant
Width/Height (W/d)
Effective Dielectric
Constant
Characteristic
Impedance
4.80
1.8
3.59
50.0
4.00
2.0
3.07
51.0
2.55
3.0
2.12
48.0
Trace
Board
Ground plane
Figure 16: Microstrip Formulas
MICROSTRIP DETAILS
A transmission line is a medium whereby RF energy is transferred from one
place to another with minimal loss. This is a critical factor, especially in high-
frequency products like Linx RF modules, because the trace leading to the
module’s antenna can effectively contribute to the length of the antenna,
changing its resonant bandwidth. In order to minimize loss and detuning, some
form of transmission line between the antenna and the module should be used,
unless the antenna can be placed very close (<1/8in.) to the module. One
common form of transmission line is a coax cable, another is the microstrip. This
term refers to a PCB trace running over a ground plane that is designed to serve
as a transmission line between the module and the antenna. The width is based
on the desired characteristic impedance of the line, the thickness of the PCB,
and the dielectric constant of the board material. For standard 0.062in thick FR-
4 board material, the trace width would be 111 mils. The correct trace width can
be calculated for other widths and materials using the information below. Handy
software for calculating microstrip lines is also available on the Linx website,
www.linxtechnologies.com.


Número de pieza similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
324Kb / 11P
   KH SERIES TRANSMITTER / ENCODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
453Kb / 11P
   KH2 SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
   KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
330Kb / 11P
   KH SERIES TRANSMITTER / ENCODER DATA GUIDE
logo
Linx Technologies
RXD-315-KH LINX-RXD-315-KH Datasheet
474Kb / 11P
   KH SERIES RECEIVER/DECODER DATA GUIDE
2005
More results

Descripción similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linx Technologies
RXD-315-KH LINX-RXD-315-KH Datasheet
474Kb / 11P
   KH SERIES RECEIVER/DECODER DATA GUIDE
2005
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
   KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH_08 Datasheet
453Kb / 11P
   KH2 SERIES RECEIVER / DECODER DATA
RXD-315-KH2 ETC2-RXD-315-KH2 Datasheet
458Kb / 11P
   KH2 SERIES RECEIVER / DECODER DATA GUIDE
logo
Linx Technologies
RXD-315-KH2 LINX-RXD-315-KH2 Datasheet
592Kb / 11P
   KH2 SERIES RECEIVER / DECODER DATA GUIDE
2011
logo
List of Unclassifed Man...
TXE-315-KH ETC2-TXE-315-KH_06 Datasheet
324Kb / 11P
   KH SERIES TRANSMITTER / ENCODER DATA
logo
Linx Technologies
TXE-315-KH LINX-TXE-315-KH Datasheet
330Kb / 11P
   KH SERIES TRANSMITTER / ENCODER DATA GUIDE
10/12/06
logo
List of Unclassifed Man...
TXE-315-KH ETC2-TXE-315-KH Datasheet
330Kb / 11P
   KH SERIES TRANSMITTER / ENCODER DATA GUIDE
logo
PHOENIX CONTACT
2130198 PHOENIX-2130198 Datasheet
200Kb / 7P
   UHV240-KH/KH
2130172 PHOENIX-2130172 Datasheet
200Kb / 7P
   UHV 95-KH/KH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com