Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RXD-315-KH Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza RXD-315-KH
Descripción Electrónicos  KH SERIES RECEIVER / DECODER DATA
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

RXD-315-KH Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RXD-315-KH Datasheet HTML 1Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 2Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 3Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 4Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 5Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 6Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 7Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 8Page - List of Unclassifed Manufacturers RXD-315-KH Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page 7
Page 6
DECODER OPERATION
The KH Series receiver utilizes the HT658
decoder from Holtek. The decoder receives
data transmitted by the encoder and
interprets the first 10 bits of the code period
as address and the last 8 bits as data. A
signal on the DATA line activates the
oscillator, which in turn decodes the
incoming address and data. The decoder
will check the received address twice
continuously. If the received address code
matches the decoder’s local address, the 8
bits of data are replicated on the output
lines, and the VT line is set high to indicate
the reception of a valid transmission. That
will last until the address code is incorrect or
no signal has been received. The VT line is
high only when the transmission is valid,
otherwise it is low. The data outputs are
momentary, and follow the encoder during a
valid transmission, then reset.
The oscillator is disabled in the standby
state and activated as long as a logic “high”
signal is applied to the DATA line, so the
DATA line should be kept “low” if there is no signal input.
SETTING THE RECEIVER ADDRESS
The module provides ten tri-state address lines. This allows for the formation of
up to 59,049 (310) unique receiver-transmitter relationships. Tri-state means that
the address lines can be set to one of three distinct states: high, low, or floating.
These lines may be hardwired or configured via a microprocessor, DIP switch,
or jumpers.
The receiver’s address line states must match the transmitter’s exactly for a
transmission to be recognized. If the transmitted address does not match the
receiver’s local address, then the receiver will take no action.
Power On
Standby Mode
Code In?
No
No
No
No
No
Yes
Yes
Yes
Yes
Yes
Address Bits
Matched?
Disable VT &
Ignore the Rest of
This Word
Store Data
Match
Previous Stored
Data?
2 Times
of Checking
Completed?
Data to Output &
Activate VT
Address or
Data Error?
Check
Check
< 1 Word
3 Words
Transmitted Continuously
3 Words
1/2 Clock Time
Decoder
Data Out
Decoder VT
Encoder
Data Out
Encoder
Transmit
Enable
1/2 Clock Time
2 Words
2
14
Clocks
2
14
Clocks
Figure 9: Decoder Flowchart
Figure 10: Encoder / Decoder Timing Diagram
THE DATA OUTPUTS
When data is received and the incoming address data matches with the local
address settings, the module’s eight data output lines are set to replicate the
state of the transmitter’s data lines. In addition, the valid transmission line (VT,
Pin 11) will go high to indicate reception and decoding of the data. The data lines
have a low sink and source capability, so external buffering is generally required
if loads are to be driven directly.
In addition to the decoded data outputs, raw data is also available via a CMOS-
compatible data output (DATA, Pin 10). The output of this line is the actual
received data stream from the receiver and is always active regardless of
address line status. It is made available for troubleshooting or monitoring internal
data flow. It can also be used in mixed-mode systems where data may come
from another source in addition to a KH Series transmitter module. This data can
then be channeled to an external processor for decoding.
RECEIVING DATA
Although the internal decoder handles all of the decoding and output for
transmissions from a KH Series transmitter or an OEM transmitter, the KH Series
receiver will output the raw received data on the DATA line. This allows the
designer to create a mixed system of KH Series or OEM transmitters for encoded
data as well as LC or LR Series transmitters for custom data.
When using the KH for custom data transmissions, it is up to the designer to
implement a noise-tolerant protocol to ensure the integrity of the data. The
Protocol Guidelines section will provide some suggestions, as well as Application
Note AN-00160.
The KH Series receiver module contains the LC Series receiver, which has a
CMOS-compatible output capable of directly driving a microprocessor, an RS-
232 level converter, or a Linx QS Series USB module. The LC Series receiver
manual can be consulted for more details on the operation of the receiver itself.
POWER SUPPLY REQUIREMENTS
The module does not have an internal voltage
regulator; therefore it requires a clean, well-regulated
power source. While it is preferable to power the unit
from a battery, it can also be operated from a power
supply as long as noise is less than 20mV. Power
supply noise can affect the receiver sensitivity;
therefore, providing a clean power supply for the
module should be a high priority during design.
A 10
Ω resistor in series with the supply followed by a
10µF tantalum capacitor from VCC to ground will help in cases where the quality
of supply power is poor. These values may need to be adjusted depending on
the noise present on the supply line. Note that operation from 4.7 to 5.2 volts
requires the use of an external 200
Ω resistor placed in-line with the supply to
prevent VCC from exceeding 4.2 volts, so the dropping resistor can take the place
of the 10
Ω resistor in the supply filter.
10
Ω
10
μF
Vcc IN
Vcc TO
MODULE
Figure 11: Supply Filter


Número de pieza similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
324Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
logo
Linx Technologies
RXD-315-KH LINX-RXD-315-KH Datasheet
474Kb / 11P
KH SERIES RECEIVER/DECODER DATA GUIDE
2005
More results

Descripción similar - RXD-315-KH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linx Technologies
RXD-315-KH LINX-RXD-315-KH Datasheet
474Kb / 11P
KH SERIES RECEIVER/DECODER DATA GUIDE
2005
logo
List of Unclassifed Man...
RXD-315-KH ETC2-RXD-315-KH Datasheet
389Kb / 11P
KH SERIES RECEIVER / DECODER DATA GUIDE
RXD-315-KH ETC2-RXD-315-KH_08 Datasheet
453Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA
RXD-315-KH2 ETC2-RXD-315-KH2 Datasheet
458Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
logo
Linx Technologies
RXD-315-KH2 LINX-RXD-315-KH2 Datasheet
592Kb / 11P
KH2 SERIES RECEIVER / DECODER DATA GUIDE
2011
logo
List of Unclassifed Man...
TXE-315-KH ETC2-TXE-315-KH_06 Datasheet
324Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA
logo
Linx Technologies
TXE-315-KH LINX-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
10/12/06
logo
List of Unclassifed Man...
TXE-315-KH ETC2-TXE-315-KH Datasheet
330Kb / 11P
KH SERIES TRANSMITTER / ENCODER DATA GUIDE
logo
PHOENIX CONTACT
2130198 PHOENIX-2130198 Datasheet
200Kb / 7P
UHV240-KH/KH
2130172 PHOENIX-2130172 Datasheet
200Kb / 7P
UHV 95-KH/KH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com