| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NRF52811-QCAA-R Datasheet(PDF) 135 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R Datasheet(HTML) 135 Page - Nordic Semiconductor |
|
135 / 444 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description C RW END Enable or disable interrupt for event END Disabled 0 Disable Enabled 1 Enable 6.10.7.7 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW STARTED Write '1' to enable interrupt for event STARTED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW STOPPED Write '1' to enable interrupt for event STOPPED Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW END Write '1' to enable interrupt for event END Set 1 Enable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 6.10.7.8 INTENCLR Address offset: 0x308 Disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW STARTED Write '1' to disable interrupt for event STARTED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled B RW STOPPED Write '1' to disable interrupt for event STOPPED Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled C RW END Write '1' to disable interrupt for event END Clear 1 Disable Disabled 0 Read: Disabled Enabled 1 Read: Enabled 4454_140 v1.0 135 |