| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NRF52811-QCAA-R Datasheet(PDF) 104 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52811-QCAA-R Datasheet(HTML) 104 Page - Nordic Semiconductor |
|
104 / 444 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_CROSS Downward or upward crossing NotGenerated 0 Event not generated Generated 1 Event generated 6.5.3.8 SHORTS Address offset: 0x200 Shortcuts between local events and tasks Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW READY_SAMPLE Shortcut between event READY and task SAMPLE Disabled 0 Disable shortcut Enabled 1 Enable shortcut B RW READY_STOP Shortcut between event READY and task STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut C RW DOWN_STOP Shortcut between event DOWN and task STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut D RW UP_STOP Shortcut between event UP and task STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut E RW CROSS_STOP Shortcut between event CROSS and task STOP Disabled 0 Disable shortcut Enabled 1 Enable shortcut 6.5.3.9 INTEN Address offset: 0x300 Enable or disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW READY Enable or disable interrupt for event READY Disabled 0 Disable Enabled 1 Enable B RW DOWN Enable or disable interrupt for event DOWN Disabled 0 Disable Enabled 1 Enable C RW UP Enable or disable interrupt for event UP Disabled 0 Disable Enabled 1 Enable D RW CROSS Enable or disable interrupt for event CROSS Disabled 0 Disable 4454_140 v1.0 104 |