| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NRF52820-QDAA-R Datasheet(PDF) 359 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R Datasheet(HTML) 359 Page - Nordic Semiconductor |
|
359 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_STARTTX Start UART transmitter Trigger 1 Trigger task 6.25.9.4 TASKS_STOPTX Address offset: 0x00C Stop UART transmitter Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_STOPTX Stop UART transmitter Trigger 1 Trigger task 6.25.9.5 TASKS_FLUSHRX Address offset: 0x02C Flush RX FIFO into RX buffer Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_FLUSHRX Flush RX FIFO into RX buffer Trigger 1 Trigger task 6.25.9.6 EVENTS_CTS Address offset: 0x100 CTS is activated (set low). Clear To Send. Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A RW EVENTS_CTS CTS is activated (set low). Clear To Send. NotGenerated 0 Event not generated Generated 1 Event generated 6.25.9.7 EVENTS_NCTS Address offset: 0x104 CTS is deactivated (set high). Not Clear To Send. 4463_156 v1.0 359 |