| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NRF52820-QDAA-R Datasheet(PDF) 344 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R Datasheet(HTML) 344 Page - Nordic Semiconductor |
|
344 / 437 page ![]() Peripherals Register Offset Description CONFIG 0x56C Configuration of parity and hardware flow control Table 104: Register overview 6.24.10.1 TASKS_STARTRX Address offset: 0x000 Start UART receiver Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_STARTRX Start UART receiver Trigger 1 Trigger task 6.24.10.2 TASKS_STOPRX Address offset: 0x004 Stop UART receiver Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_STOPRX Stop UART receiver Trigger 1 Trigger task 6.24.10.3 TASKS_STARTTX Address offset: 0x008 Start UART transmitter Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_STARTTX Start UART transmitter Trigger 1 Trigger task 6.24.10.4 TASKS_STOPTX Address offset: 0x00C Stop UART transmitter 4463_156 v1.0 344 |