| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NRF52820-QDAA-R Datasheet(PDF) 313 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52820-QDAA-R Datasheet(HTML) 313 Page - Nordic Semiconductor |
|
313 / 437 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_STARTTX Start TWI transmit sequence Trigger 1 Trigger task 6.22.7.3 TASKS_STOP Address offset: 0x014 Stop TWI transaction. Must be issued while the TWI master is not suspended. Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_STOP Stop TWI transaction. Must be issued while the TWI master is not suspended. Trigger 1 Trigger task 6.22.7.4 TASKS_SUSPEND Address offset: 0x01C Suspend TWI transaction Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_SUSPEND Suspend TWI transaction Trigger 1 Trigger task 6.22.7.5 TASKS_RESUME Address offset: 0x020 Resume TWI transaction Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID Access Field Value ID Value Description A W TASKS_RESUME Resume TWI transaction Trigger 1 Trigger task 6.22.7.6 EVENTS_STOPPED Address offset: 0x104 TWI stopped 4463_156 v1.0 313 |