| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NRF52810-QFAA-R Datasheet(PDF) 345 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R Datasheet(HTML) 345 Page - Nordic Semiconductor |
|
345 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id V U T S R Q P O N M L K J I H G F E D C B A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description B RW END Enable or disable interrupt for END event See EVENTS_END Disabled 0 Disable Enabled 1 Enable C RW DONE Enable or disable interrupt for DONE event See EVENTS_DONE Disabled 0 Disable Enabled 1 Enable D RW RESULTDONE Enable or disable interrupt for RESULTDONE event See EVENTS_RESULTDONE Disabled 0 Disable Enabled 1 Enable E RW CALIBRATEDONE Enable or disable interrupt for CALIBRATEDONE event See EVENTS_CALIBRATEDONE Disabled 0 Disable Enabled 1 Enable F RW STOPPED Enable or disable interrupt for STOPPED event See EVENTS_STOPPED Disabled 0 Disable Enabled 1 Enable G RW CH0LIMITH Enable or disable interrupt for CH[0].LIMITH event See EVENTS_CH[0].LIMITH Disabled 0 Disable Enabled 1 Enable H RW CH0LIMITL Enable or disable interrupt for CH[0].LIMITL event See EVENTS_CH[0].LIMITL Disabled 0 Disable Enabled 1 Enable I RW CH1LIMITH Enable or disable interrupt for CH[1].LIMITH event See EVENTS_CH[1].LIMITH Disabled 0 Disable Enabled 1 Enable J RW CH1LIMITL Enable or disable interrupt for CH[1].LIMITL event See EVENTS_CH[1].LIMITL Disabled 0 Disable Enabled 1 Enable K RW CH2LIMITH Enable or disable interrupt for CH[2].LIMITH event See EVENTS_CH[2].LIMITH Disabled 0 Disable Enabled 1 Enable L RW CH2LIMITL Enable or disable interrupt for CH[2].LIMITL event See EVENTS_CH[2].LIMITL Disabled 0 Disable Enabled 1 Enable M RW CH3LIMITH Enable or disable interrupt for CH[3].LIMITH event See EVENTS_CH[3].LIMITH 4430_161 v1.0 345 |