Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

93-21SUGC/S400-A4/TR8 Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

No. de pieza 93-21SUGC/S400-A4/TR8
Descripción Electrónicos  High Performance SMD LED with Reflector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EVERLIGHT [Everlight Electronics Co., Ltd]
Página de inicio  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

93-21SUGC/S400-A4/TR8 Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  93-21SUGC/S400-A4/TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 93-21SUGC/S400-A4/TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 93-21SUGC/S400-A4/TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 93-21SUGC/S400-A4/TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 93-21SUGC/S400-A4/TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 93-21SUGC/S400-A4/TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 93-21SUGC/S400-A4/TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 93-21SUGC/S400-A4/TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 93-21SUGC/S400-A4/TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 8 of 9
Device No. : DSE-931-083
prepared date: 23-Sep2005
Prepared by: Teresa Lee
93-21SUGC/S400-A4/TR8
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package, the LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 The LEDs should be used within a year.
2.4 After opening the package, the LEDs should be kept at 30℃ or less and 70%RH or less.
2.5 The LEDs should be used within 168 hours (7 days) after opening the package.
2.6 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3
seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more
intervals, and do soldering of each terminal. Be careful because the damage of the product is often
started at the time of the hand solder.


Número de pieza similar - 93-21SUGC/S400-A4/TR8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
93-21SUBC EVERLIGHT-93-21SUBC Datasheet
139Kb / 10P
   High Performance SMD LED with Reflector
93-21SUBC/S400-XX/TR8 EVERLIGHT-93-21SUBC/S400-XX/TR8 Datasheet
139Kb / 10P
   High Performance SMD LED with Reflector
93-21SURC EVERLIGHT-93-21SURC Datasheet
150Kb / 9P
   High Performance SMD LED with Reflector
93-21SURC/S530-XX/TR8 EVERLIGHT-93-21SURC/S530-XX/TR8 Datasheet
150Kb / 9P
   High Performance SMD LED with Reflector
More results

Descripción similar - 93-21SUGC/S400-A4/TR8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Everlight Electronics C...
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
96-22SUGC EVERLIGHT-96-22SUGC Datasheet
95Kb / 6P
   High performance SMD LED with Reflector
G6R7C-B01 EVERLIGHT-G6R7C-B01 Datasheet
237Kb / 12P
   High performance SMD LED with Reflector
S530-A3-TR8 EVERLIGHT-S530-A3-TR8 Datasheet
230Kb / 11P
   High Performance SMD LED with Reflector
93-21SYGC EVERLIGHT-93-21SYGC Datasheet
228Kb / 9P
   High Performance SMD LED with Reflector
93-21UBC EVERLIGHT-93-21UBC Datasheet
136Kb / 10P
   High Performance SMD LED with Reflector
93-21UYOC EVERLIGHT-93-21UYOC Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
96-22SURC EVERLIGHT-96-22SURC Datasheet
104Kb / 6P
   High performance SMD LED with Reflector
97-22SUBC EVERLIGHT-97-22SUBC Datasheet
99Kb / 7P
   High performance SMD LED with Reflector
93-22SURSYGC-S530-A3-TR8 EVERLIGHT-93-22SURSYGC-S530-A3-TR8 Datasheet
212Kb / 11P
   High Performance SMD LED with Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com