Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8M2AFDCAC Datasheet(PDF) 196 Page - Renesas Technology Corp

No. de pieza R7KA8M2AFDCAC
Descripción Electrónicos  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAC Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAC Datasheet HTML 192Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 193Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 194Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 195Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 196Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 197Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 198Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 199Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 295 page
background image
Note 1. fSCL = 1 / (tDIG_L + tDIG_H)
Note 2. tDIG_L and tDIG_H are the clock Low and High periods as seen at the receiver end of the I3C Bus using VIL and VIH.
Note 3. When communicating with an I3C Device on a mixed Bus, the tDIG_H_MIXED period must be constrained in order to make sure that
I2C Devices do not interpret I3C signaling as valid I2C signaling.
Note 4. As both edges are used, the hold time needs to be satisfied for the respective edges; i.e., tCF + 3 for falling edge clocks, and tCR + 3
for rising edge clocks.
Note 5. In SDR Mode the Hold time parameter is referred to as tHD_SDR, and in DDR Mode it is referred to as tHD_DDR.
Table 2.73
I3C timing (Push-Pull Timing Parameters for HDR-TSP and HDR-TSL Modes)
Setting of the I3C_SCL0, I3C_SDA0 pins are not required with the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
VCC
Min
Max
Unit
Test
conditions
I3C Push-Pull
Timing
Parameters for
HDR-TSP and
HDR-TSL
Modes
Edge-to-Edge
Period
tEDGE*1 *2
3.00 V or above
tDIG_H
—
ns
Figure 2.101
1.65 to 1.95 V
tDIG_H
—
Allowed
Difference
Between
Signals for
‘Simultaneous’
Change
tSKEW
3.00 V or above
—
11
ns
1.65 to 1.95 V
—
11
Stable
Condition
Between
Symbols
tEYE
3.00 V or above
12
—
ns
1.65 to 1.95 V
12
—
Time Between
Successive
Symbols
tSYMBOL
3.00 V or above
tEDGE Min
—
ns
1.65 to 1.95 V
tEDGE Min
—
Symbol Clock
tCLOCK
3.00 V or above
1 / fSCL (Max)
—
—
1.65 to 1.95 V
1 / fSCL (Max)
—
Note 1. Edges occur at the rate of 1 / (tEDGE × 2)
Note 2. In a Mixed Bus, HDR-TSL shall respect the maximum tDIG_H_MIXED shown in Figure 2.94.
0.7×VCC
0.3×VCC
tCR
tCF
tHIGH
tDIG_H
tLOW
tDIG_L
Figure 2.91
tDIG_H and tDIG_L
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 196 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com