Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8M2AFDCAC Datasheet(PDF) 126 Page - Renesas Technology Corp

No. de pieza R7KA8M2AFDCAC
Descripción Electrónicos  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAC Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAC Datasheet HTML 122Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 123Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 124Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 125Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 126Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 127Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 128Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 129Page - Renesas Technology Corp R7KA8M2AFDCAC Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 295 page
background image
Table 2.52
Timing of recovery from low power modes (3 of 3)
Parameter
Fast return
function*9
Symbol
Min
Typ
Max
Unit
Test
conditions
Recovery
time from
Deep
Software
Standby
mode
Deep Software
Standby mode
1
DPSBYCR.DC
SSMODE[1:0] =
01
—
tDSBY
—
296
346
µs
Figure 2.35
DPSBYCR.DC
SSMODE[1:0] =
10
—
—
456
506
µs
DPSBYCR.DC
SSMODE[1:0] =
11
—
—
776
826
µs
Deep Software
Standby mode
2
DPSBYCR.DC
SSMODE[1:0] =
01
—
—
296
346
µs
DPSBYCR.DC
SSMODE[1:0] =
10
—
—
456
506
µs
DPSBYCR.DC
SSMODE[1:0] =
11
—
—
776
826
µs
Deep Software
Standby mode
3
DPSBYCR.DC
SSMODE[1:0] =
01
—
—
483
604
µs
DPSBYCR.DC
SSMODE[1:0] =
10
—
—
643
764
µs
DPSBYCR.DC
SSMODE[1:0] =
11
—
—
963
1084
µs
Wait time after cancellation of Deep Software
Standby mode
—
tDSBYWT
22.2
—
33.6
µs
Note 1. When the frequency of the crystal is 48 MHz (Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x05) and the
greatest value of the internal clock division setting is 1.
Note 2. When the frequency of PLL1P is 1 GHz (Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x05) and the greatest
value of the internal clock division setting is 16.
Note 3. When the frequency of the external clock is 48 MHz (Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x00) and
the greatest value of the internal clock division setting is 1.
Note 4. When the frequency of PLL1P is 1 GHz (Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to 0x00) and the greatest
value of the internal clock division setting is 16.
Note 5. The Sub-clock oscillator frequency is 32.768 kHz and the greatest value of the internal clock division setting is 1.
Note 6. The HOCO frequency is 20 MHz and the greatest value of the internal clock division setting is 1.
Note 7. The PLL frequency is 1 GHz and the greatest value of the internal clock division setting is 16.
Note 8. The MOCO frequency is 8 MHz and the greatest value of the internal clock division setting is 1.
Note 9. For details, see SSCR1.SS2FR bit.
Note 10. The recovery time can be calculated with the equation of tCommon + max(tOSCSTB, tPG1, tPGCK) + max(tPG2, tLPW). And they can be
determined with the following values and equations. For n, the greatest value is selected from among the internal clock(CPUCLK0,
CPUCLK1, NPUCLK, ICLK, MRICLK, MRPCLK, PCLKm, FCLK, BCLK and EBCLK) division settings (m = A to E).
tOSCSTB in the table below means the time when each oscillator is active. When multiple oscillators are active, tOSCSTB is
determined by the longest tOSCSTB among the active oscillators.
Note 11. The ICLK frequency is 250 MHz. This recovery time corresponds to tPG2.
Note 12. When Ccyc is 27. See Table 2.54.
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 126 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com