Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R7KA8M2AFDCAM Datasheet(PDF) 289 Page - Renesas Technology Corp

No. de pieza R7KA8M2AFDCAM
Descripción Electrónicos  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFDCAM Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button R7KA8M2AFDCAM Datasheet HTML 285Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 286Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 287Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 288Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 289Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 290Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 291Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 292Page - Renesas Technology Corp R7KA8M2AFDCAM Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 295 page
background image
Table A3.2
Access cycles (2 of 3)
Peripheral base
address symbol
Address*1
Number of access cycles
ICLK = PCLK
ICLK > PCLK*2
Cycle
unit
Related function
From
To
Read
Write
Read
Write
CRC, DOC
0x4031_0000
0x4031_1FFF 4
3
2 to 4
1 to 3
PCLKA
CRC Calculator, Data
Operation Circuit
GPT32n,
GPT_OPS
0x4032_2000
0x4032_3F0F
9
6
7 to 9
4 to 6
PCLKA
General PWM 32-Bit
Timer n, Output Phase
Switching Controller
GPT_GTCLK
0x4032_3F10
0x4032_3F1F
4
3
2 to 4
1 to 3
PCLKA
General PWM Timer
Clock Control
PDG
0x4032_4000
0x4032_4FFF 3
2
1 to 3
0 to 2
PCLKA
PWM Delay
Generation Circuit
ADC_B
0x4033_8000
0x4034_7FFF 4
3
2 to 4
1 to 3
PCLKA
A/D Converter
CEU
0x4034_8000
0x4034_FFFF 7
5
5 to 7
3 to 5
PCLKA
Capture Engine Unit
USBHS*3
0x4035_1000
0x4035_115F
BWAIT+4
BWAIT+3
(BWAIT+2
) to
(BWAIT+4
)
(BWAIT+1
) to
(BWAIT+3
)
PCLKA
USB 2.0 High-Speed
Module
USBHS*3
0x4035_1160
0x4035_1167
BWAIT+4
130
(BWAIT+2
) to
(BWAIT+4
)
128 to 130 PCLKA
USB 2.0 High-Speed
Module
USBHS
0x4035_1168
0x4035_116F
8
130
6 to 8
128 to 130 PCLKA
USB 2.0 High-Speed
Module
SCIn, SPIn, I3C
0x4035_8000
0x4035_FFFF 4
3
2 to 4
1 to 3
PCLKA
Serial Communication
Interface n, Serial
Peripheral Interface n,
I3C Bus Interface
ECCMBn
0x4036_F200
0x4036_F3FF 5
4
3 to 5
2 to 4
PCLKA
Error correction circuit
for MBRAMn
CANFDn
0x4038_0000
0x4038_3FFF 4
3
2 to 4
1 to 3
PCLKA
CANFD Module n
ESWM
0x403C_0000 0x403E_FFFF —
—
7 to 12
2 to 4
PCLKA
Layer 3 Ethernet
Switch Module
PORTn
0x4040_0000
0x4040_01FF
4
2
4
2
ICLK
Port n Control
Registers
PFS
0x4040_0800
0x4040_0FFF 8
2
8
2
ICLK
Pmn Pin Function
Control Register
RSIP-E50D
-
-
3 to 5
2
1 to 6
0 to 2
PCLKA
Renesas Secure IP
Table A3.2
Access cycles (3 of 3)
Peripheral base
address symbol
Address*1
Number of access cycles
ICLK = MRPCLK
ICLK > MRPCLK*2
Cycle
unit
Related function
From
To
Read
Write
Read
Write
MRAM
0x4013_0000
0x4013_FFFF 4
3
2 to 4
1 to 3
MRPCLK
MRAM control
Note 1. This table only shows secure address. Access cycle of the non-secure address is the same as its secure address.
Note 2. If the number of PCLK or MRPCLK cycles is non-integer (for example 1.5), the minimum value is without the decimal point, and the
maximum value is rounded up to the decimal point. For example, 1.5 to 2. 5 is 1 to 3.
Note 3. BWAIT is the number of waits (not cycles) described in the USBHS.BUSWAIT register.
RA8M2 Datasheet
Appendix 3. I/O Registers
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 289 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com