Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDD165 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

No. de pieza SDD165
Descripción Electrónicos  Diode-Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIRECTIFIER [Sirectifier Semiconductors]
Página de inicio  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SDD165 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  SDD165 Datasheet HTML 1Page - Sirectifier Semiconductors SDD165 Datasheet HTML 2Page - Sirectifier Semiconductors SDD165 Datasheet HTML 3Page - Sirectifier Semiconductors SDD165 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SDD165
Diode-Diode Modules
Type
SDD165N08
SDD165N12
SDD165N14
SDD165N16
SDD165N18
VRRM
V
800
1200
1400
1600
1800
VRSM
V
900
1300
1500
1700
1900
Dimensions in mm (1mm=0.0394")
Symbol
Test Conditions
Maximum Ratings
Unit
IFRMS
IFAVM
TVJ=TVJM
TC=100
oC; 180o sine
300
165
A
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
4700
5000
4100
4300
A
IFSM
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
110000
104000
84000
77000
A
2s
TVJ
TVJM
Tstg
-40...+150
150
-40...+125
oC
VISOL
50/60Hz, RMS
t=1min
IISOL<1mA
t=1s
3000
3600
V~
Md
Mounting torque (M6)
Terminal connection torque (M6)
_
2.25-2.75/20-25
4.5-5.5/40-48
Nm/lb.in.
Weight
120
g
i
2dt
Typical including screws


Número de pieza similar - SDD165

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sirectifier Semiconduct...
SDD165N08B SIRECTIFIER-SDD165N08B Datasheet
315Kb / 4P
   Diode-Diode Modules
SDD165N12B SIRECTIFIER-SDD165N12B Datasheet
315Kb / 4P
   Diode-Diode Modules
SDD165N14B SIRECTIFIER-SDD165N14B Datasheet
315Kb / 4P
   Diode-Diode Modules
SDD165N16B SIRECTIFIER-SDD165N16B Datasheet
315Kb / 4P
   Diode-Diode Modules
SDD165N18B SIRECTIFIER-SDD165N18B Datasheet
315Kb / 4P
   Diode-Diode Modules
More results

Descripción similar - SDD165

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
   Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
   Diode-Diode Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:210DD.XX AEGIS-A3L:210DD.XX Datasheet
262Kb / 4P
   Diode-Diode Modules
A3L:70DD.XX AEGIS-A3L:70DD.XX Datasheet
253Kb / 4P
   Diode-Diode Modules
logo
Sirectifier Semiconduct...
SDD165NXXB SIRECTIFIER-SDD165NXXB Datasheet
315Kb / 4P
   Diode-Diode Modules
SDD100 SIRECTIFIER-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
SDD36 SIRECTIFIER-SDD36 Datasheet
533Kb / 4P
   Diode-Diode Modules
logo
AEGIS SEMICONDUTORES LT...
A3L:250DD.XX AEGIS-A3L:250DD.XX Datasheet
272Kb / 4P
   Diode-Diode Modules
logo
Sirectifier Semiconduct...
SDD120 SIRECTIFIER-SDD120 Datasheet
1,014Kb / 4P
   Diode-Diode Modules
SDD60NXXB SIRECTIFIER-SDD60NXXB Datasheet
317Kb / 4P
   Diode-Diode Modules
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com