Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OPS2 Datasheet(PDF) 165 Page - ABB

No. de pieza OPS2
Descripción Electrónicos  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABB [ABB]
Página de inicio  http://www.abb.com
Logo ABB - ABB

OPS2 Datasheet(HTML) 165 Page - ABB

Back Button OPS2 Datasheet HTML 161Page - ABB OPS2 Datasheet HTML 162Page - ABB OPS2 Datasheet HTML 163Page - ABB OPS2 Datasheet HTML 164Page - ABB OPS2 Datasheet HTML 165Page - ABB OPS2 Datasheet HTML 166Page - ABB OPS2 Datasheet HTML 167Page - ABB OPS2 Datasheet HTML 168Page - ABB OPS2 Datasheet HTML 169Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 192 page
background image
—
Motorized switch-disconnectors
Dimensional drawings
20
M8
100
A1
138
127
134,5
A2
65
Ø9,0
20
135,5
170,5
B
A
33,5
122
130
150
M00276/OTM160-250E2_4 B
OTM160-250_M
[mm]
E2
E3
E4
A
35
35
35
A1
118
118
118
A2
239
274
309
B
261
296
331
198
83
49,5
3
181
37
14
65
OTM160...250E_M
156
A1
120
A2
Ø11
25
150
160
185
B
A
39
M00278/OTM315-400E2_4 B
OTM315-400_M
[mm]
E2
E3
E4
A
44
44
44
A1
136
136
136
A2
276
320
364
B
298
342
386
M8
211,5
58
4
126
33
17
95
20,5
237
43
OTM315...400E_M
Motorized switch-disconnectors, base mounting, IEC
Main dimensions mm
OTM160-250_M
[mm]
E2
E3
E4
A
35
35
35
A1
118
118
118
A2
239
274
309
B
261
296
331
M00276/OTM160-250E2_4 B
OTM315-400_M
[mm]
E2
E3
E4
A
44
44
44
A1
136
136
136
A2
276
320
364
B
298
342
386
M00278/OTM315-400E2_4 B
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
165
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
165