Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 25 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 25 Page - Micronas

Back Button CAP3001A Datasheet HTML 21Page - Micronas CAP3001A Datasheet HTML 22Page - Micronas CAP3001A Datasheet HTML 23Page - Micronas CAP3001A Datasheet HTML 24Page - Micronas CAP3001A Datasheet HTML 25Page - Micronas CAP3001A Datasheet HTML 26Page - Micronas CAP3001A Datasheet HTML 27Page - Micronas CAP3001A Datasheet HTML 28Page - Micronas CAP3001A Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
25
Recommended Operating Conditions, continued
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
VECLKL
ECLK Clock Input
Low Voltage
39
1.5
V
VECLKH
ECLK Clock Input
High Voltage
VSUP
*1.5
V
tECLKH
tECLKL
ECLK Clock Input
High/Low Ratio
0.9
1.0
1.1
fECLK
ECLK Clock Input Frequency
(see also chapter 3.1.7.)
16.416
MHz
VREFCLKH
Reference Clock Input High Voltage
45
VSUPD
–1.5
V
VREFCLKL
Reference Clock Input Low Voltage
1.5
V
VREFCLK0
Reference Clock Input
Open Circuit Voltage
VSUP
2
fREFCLK
Refence Clock Input Frequency
1
16
MHz
VFS
DC Input Voltage FM, AM, MP level
1, 67, 68
0
VSUP
VPOT/
MPXI
DC Input Voltage
POT5, POT4, POT3, POT2, POT1
(with I
v20 mA)
2 to 6
0
VSUP
VIH
High Level, Digital Inputs
46 to 50,
52 to 56
2.0
V
VIL
Low Level, Digital Inputs
0.8
V
VREIL
Reset Input Low Voltage
40
0.8
V
VREIH
Reset Input High Voltage
VSUP
0.8V
VIMIL
IM Bus Input Low Voltage
41 to 43
1.5
V
VIMIH
IM Bus Input High Voltage
3.0
V
fΦI
ΦI IM Bus Clock Frequency
0.05
1000
kHz
tIM1
ΦI Clock Input Delay Time
after IM Bus Ident Input
0
tIM2
ΦI Clock Input Low Pulse Time
0.5
µs
tIM3
ΦI Clock Input
High Pulse Time
0.5
µs
tIM4
ΦI Clock Input Setup Time
before Ident Input High
0
tIM5
write data
ΦI Clock Input Hold Time
after Ident Input High
0.25
µs
tIM5
read data
ΦI Clock Input Hold Time
after Ident Input High
defined by DSP software
µs
tIM6
ΦI Clock Input Setup Time
before Ident End-Pulse Input
41 to 43
1.0
µs


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com