Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 24 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 24 Page - Micronas

Back Button CAP3001A Datasheet HTML 20Page - Micronas CAP3001A Datasheet HTML 21Page - Micronas CAP3001A Datasheet HTML 22Page - Micronas CAP3001A Datasheet HTML 23Page - Micronas CAP3001A Datasheet HTML 24Page - Micronas CAP3001A Datasheet HTML 25Page - Micronas CAP3001A Datasheet HTML 26Page - Micronas CAP3001A Datasheet HTML 27Page - Micronas CAP3001A Datasheet HTML 28Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
24
3.1.4. Electrical Characteristics
All voltages refer to ground.
3.1.5. Absolute Maximum Ratings
Symbol
Parameter
Pin No.
Min.
Max.
Unit
TA
Ambient Operating
Temperature
*20
)85
°C
TS
Storage Temperature
*55
)125
°C
VSUP
Supply Voltage
21, 61
*0.3 1)
)6
V
VSUP1
Supply Voltage
31
*0.3 1)
)6
V
VSUP2
Supply Voltage
30
*0.3 1)
)12
V
PTOT
Chip Power Dissipation
68-pin PLCC without heatspreader
21, 61,
30, 31
1300
mW
dVSUP
Voltage between VSUPA, VSUPD
and VSUP1
21, 61,
31
* 0.5
) 0.5
V
VI
Input Voltage, all Inputs
1 to 17,
28,
32 to 35,
38, 39,
41 to 48,
52 to 56,
67, 68
*0.3
VSUP )0.3
V
IO
Output Current, all Outputs
22 to 25,
27, 29,
41,
49 to 51,
57 to 59,
62
2)
3)
1) Reversed supply 200 ms maximum.
2) The outputs are short-circuit proof (max. 5 seconds) with respect to supply and ground.
3) Total chip power dissipation must not exceed absolute maximum ratings.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these or any other conditions beyond those indicated in the
Recommended Operating Conditions/Characteristics of this specification is not implied. Exposure to absolute maxi-
mum ratings conditions for extended periods may affect device reliability.
3.1.6. Recommended Operating Conditions at TA+*20 to )85 °C, fECLK+16.416 MHz, typical values at
Tj = 27 °C, duty cycle = 50 %
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
VSUP
Supply Voltage
21, 61
4.75
5.0
5.25
V
VSUP1
Supply Voltage
31
4.75
5.0
5.25
V
VSUP2
Supply Voltage
30
7.5
8.5
9.5
V


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com