Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 22 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 22 Page - Micronas

Back Button CAP3001A Datasheet HTML 18Page - Micronas CAP3001A Datasheet HTML 19Page - Micronas CAP3001A Datasheet HTML 20Page - Micronas CAP3001A Datasheet HTML 21Page - Micronas CAP3001A Datasheet HTML 22Page - Micronas CAP3001A Datasheet HTML 23Page - Micronas CAP3001A Datasheet HTML 24Page - Micronas CAP3001A Datasheet HTML 25Page - Micronas CAP3001A Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
22
Pin 39 – QX2/ECLK
Crystal pin. This pin has to be connected with the crystal
or with an external clock signal.
Pin 40 – RESET
In the steady state, high level is required at this pin. A low
level resets the CAP 3001 A.
Pins 41 to 43 – IMDATA, IMCLK, IMIDENT
Via these pins the CAP 3001 A sends and receives data
to and from the controller.
Pin 44 – TEOSC
Test purpose.
Pin 45 – REFCLK
Input for the synthesizer reference frequency.
Pins 46 to 48 – TI1, TI2, TI3
Static digital inputs; these signals can be used as a
branch condition in the DSP software. If not used, they
must be connected to GND.
Pin 49 – SCLKO
DAI-Bus: serial clock output.
Pin 50 – WSO
DAI-Bus: word select output; this is a control line to sep-
arated left and right channel in the serial DAI stream.
Pin 51 – SDOUT
DAI-Bus: serial data output.
Pin 52 – SDIN2
DAI-Bus: serial data input 2.
Pin 53 – ERR
DAI-Bus: error input.
Pin 54 – SCLKI
DAI-Bus: serial clock input.
Pin 55 – WSI
DAI-Bus: word select input; this is a control line to sepa-
rate left and right channel in the serial DAI stream.
Pin 56 – SDIN1
DAI-Bus: serial data input 1.
Pins 57 to 59 – TO1, TO2, TO3
Digital outputs; the logical state can be defined by the
DSP software.
Pin 60 – GNDD
This pin serves as ground connection for the digital sig-
nals.
Pin 61 – VSUPD
Digital supply voltage. Power is supplied via this pin for
the digital circuitry of the CAP 3001 A.
Pin 62 – CLKOUT
This output is used for clocking external hardware.
Pin 63 – TP3
Test purpose.
Pin 64 – TP2
Test purpose.
Pin 65 – TP4
Test purpose.
Pin 66 – TP1
Test purpose.
Pin 67 – AMLEVEL
Input for the AM field strength information.
Pin 68 – MPLEVEL
Input for the multipath information.


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com