Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 20 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 20 Page - Micronas

Back Button CAP3001A Datasheet HTML 16Page - Micronas CAP3001A Datasheet HTML 17Page - Micronas CAP3001A Datasheet HTML 18Page - Micronas CAP3001A Datasheet HTML 19Page - Micronas CAP3001A Datasheet HTML 20Page - Micronas CAP3001A Datasheet HTML 21Page - Micronas CAP3001A Datasheet HTML 22Page - Micronas CAP3001A Datasheet HTML 23Page - Micronas CAP3001A Datasheet HTML 24Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
20
Pin Connections and Short Descriptions, continued
Pin No.
Connection
Pin Name
Type
Short Description
PLCC
68-pin
(if not used)
43
X
IMIDENT
IN
IM-bus ident input
44
GNDD
TEOSC
IN
Test purpose
45
LV
REFCLK
IN
Synthesizer Ref. Frequency input
46
LV1)
TI1
IN
Static digital input 1
47
LV1)
TI2
IN
Static digital input 2
48
LV1)
TI3
IN
Static digital input 3
49
LV
SCLKO
OUT
Serial clock output
50
LV
WSO
OUT
Serial word select output
51
LV
SDOUT
OUT
Serial data output
52
LV
SDIN2
IN
Serial data input 2
53
LV
ERR
IN
Serial error input
54
LV
SCLKI
IN
Serial clock input
55
LV
WSI
IN
Serial word select input
56
LV
SDIN1
IN
Serial data input 1
57
LV
TO1
OUT
Digital output 1
58
LV
TO2
OUT
Digital output 2
59
LV
TO3
OUT
Digital output 3
60
X
GNDD
SUPPLY
Digital ground
61
X
VSUPD
SUPPLY
Digital supply voltage
62
LV
CLKOUT
OUT
Clock output
63
GNDD
TP3
IN
Test purpose
64
LV
TP2
OUT
Test purpose
65
LV
TP4
OUT
Test purpose
66
GNDD
TP1
IN
Test purpose
67
GNDA
AMLEVEL
IN
AM fieldstrength input
68
GNDA
MPLEVEL
IN
Multipath signal input
1) Depending on software version.


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com