Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 2 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 2 Page - Micronas

  CAP3001A Datasheet HTML 1Page - Micronas CAP3001A Datasheet HTML 2Page - Micronas CAP3001A Datasheet HTML 3Page - Micronas CAP3001A Datasheet HTML 4Page - Micronas CAP3001A Datasheet HTML 5Page - Micronas CAP3001A Datasheet HTML 6Page - Micronas CAP3001A Datasheet HTML 7Page - Micronas CAP3001A Datasheet HTML 8Page - Micronas CAP3001A Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
2
Contents
Page
Section
Title
4
1.
Introduction
4
1.1.
Features
4
2.
Functional Description
4
2.1.
Architecture
4
2.1.1.
DSP Block
4
2.1.2.
Digital Part
4
2.1.3.
Analog Part
6
2.1.4.
Operating Modes
7
2.1.5.
Analog Input Systems
7
2.1.6.
Buffers ABUF
8
2.1.7.
Stereo Mixer AMIX
8
2.1.8.
AM Mixer AMMIX
8
2.1.9.
Multiplexers AMUX
8
2.1.10.
A/D-Converters ADC
8
2.1.11.
Digital Signal Processing Block
8
2.1.12.
Digital Filter Sections
9
2.1.13.
Digital Mixing Sections
9
2.1.13.1.
Pilot Demodulator PILMX
11
2.1.13.2.
ARI Mixer ARIMIX
12
2.1.14.
FM Noise Canceller (ASU)
12
2.1.15.
Analog Output Systems
12
2.1.16.
D/A Converters DAC
12
2.1.17.
Lowpass-Filters ALPF
12
2.1.18.
Volume Control AVOL
13
2.1.19.
CAP 3001 A – Programmable Digital Audio Interface (PDAI)
15
2.1.20.
The IM-Bus Interface of the CAP 3001 A
15
2.1.21.
Description of the IM-Bus
17
2.1.22.
Clock Generation
18
3.
Specifications
18
3.1.
Outline Dimensions
18
3.1.1.
Pin Connections and Short Descriptions
21
3.1.2.
Pin Descriptions
23
3.1.3.
Pin Configuration
24
3.1.4.
Electrical Characteristics
24
3.1.5.
Absolute Maximum Ratings
24
3.1.6.
Recommended Operating Conditions
26
3.1.7.
Recommended Crystal Characteristics
27
3.1.8.
Characteristics


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com