Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 19 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 19 Page - Micronas

Back Button CAP3001A Datasheet HTML 15Page - Micronas CAP3001A Datasheet HTML 16Page - Micronas CAP3001A Datasheet HTML 17Page - Micronas CAP3001A Datasheet HTML 18Page - Micronas CAP3001A Datasheet HTML 19Page - Micronas CAP3001A Datasheet HTML 20Page - Micronas CAP3001A Datasheet HTML 21Page - Micronas CAP3001A Datasheet HTML 22Page - Micronas CAP3001A Datasheet HTML 23Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
19
Pin Connections and Short Descriptions, continued
Pin No.
Connection
Pin Name
Type
Short Description
PLCC
68-pin
(if not used)
13
BAGNDC
TAPEL
IN
Analog Tape input left
14
BAGNDC
PDMC3
EXT
PDM capacitor connection
15
BAGNDC
PDMC2
EXT
PDM capacitor connection
16
BAGNDC
PDMC1
EXT
PDM capacitor connection
17
LV
BAGNDC
OUT
Buffered internal ground
18
X
AGNDC
EXT
Internal analog ground
19
X
VREF1
IN
Analog ground reference
20
X
GNDA
SUPPLY
Analog ground
21
X
VSUPA
SUPPLY
Analog supply voltage
22
LV
LF
OUT
Analog output left front
23
LV
LR
OUT
Analog output left rear
24
LV
RR
OUT
Analog output right rear
25
LV
RF
OUT
Analog output right front
26
X
VREF2
IN
Analog ground reference synthesizer
27
LV
FMTUNOUT
OUT
FM tuning voltage output
28
LV
TUNFB
IN
Tuning voltage feedback input
29
LV
AMTUNOUT
OUT
AM tuning voltage output
30
VREF2
VSUP2
SUPPLY
Analog supply voltage synthesizer
31
VREF2
VSUP1
SUPPLY
Analog supply voltage synthesizer
32
LV
AMOSCREF
EXT
AMOSC capacitor connection
33
LV
AMOSCIN
IN
AM oscillator signal input
34
LV
FMOSCREF
EXT
FMOSC capacitor connection
35
LV
FMOSCIN
IN
FM oscillator signal input
36
X
GNDS1
SUPPLY
Analog ground synthesizer
37
GNDD
TESTEN
IN
Test Mode Enable
38
X
QX1
IN
Crystal
39
X
QX2/ECLK
IN
Crystal/External clock input
40
X
RESET
IN
Reset input
41
X
IMDATA
IN/OUT
IM-bus/I2C data input/output
42
X
IMCLK
IN
IM-bus/I2C clock input


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com