Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 18 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 18 Page - Micronas

Back Button CAP3001A Datasheet HTML 14Page - Micronas CAP3001A Datasheet HTML 15Page - Micronas CAP3001A Datasheet HTML 16Page - Micronas CAP3001A Datasheet HTML 17Page - Micronas CAP3001A Datasheet HTML 18Page - Micronas CAP3001A Datasheet HTML 19Page - Micronas CAP3001A Datasheet HTML 20Page - Micronas CAP3001A Datasheet HTML 21Page - Micronas CAP3001A Datasheet HTML 22Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
18
3. Specifications
3.1. Outline Dimensions
Fig. 3–1:
68-Pin Plastic Leaded Chip Carrier Package
(PLCC68)
Weight approximately 4.8 g
Dimensions in mm
1.2 x 45
°
16 x 1.27
= 20.32
0.1
±
0.1
±
2
25
+0.25
43
27
26
10
9
61
9
44
60
1
x 45
°
1.9 1.5
4.05
0.1
4.75±0.15
1.27 0.1
±
2.4
2
15
9
24.2 0.1
±
1
+0.2
70043/2
3.1.1. Pin Connections and Short Descriptions
NC = not connected; leave vacant
LV = if not used, leave vacant
S.T.B. = shorted to BAGNDI if not used
DVSS = if not used, connect to DVSS
X = obligatory; connect as described in circuit diagram
AHVSS = connect to AHVSS
Pin No.
Connection
Pin Name
Type
Short Description
PLCC
68-pin
(if not used)
1
GNDA
FMLEVEL
IN
FM fieldstrength input
2
GNDA
POT5/AVC
IN/OUT
DC voltage input
3
GNDA
POT4
IN/OUT
DC voltage input
4
GNDA
POT3
IN/OUT
DC voltage input
5
GNDA
POT2
IN/OUT
DC voltage input
6
GNDA
POT1/MPX1
IN/OUT
DC voltage input
7
AGNDC
MPX0
IN
FM MPX signal input
8
AGNDC
AML
IN
AM left baseband input
9
BAGNDC
AMR
IN
AM right baseband input
10
BAGNDC
AUXR
IN
Auxiliary audio input right
11
BAGNDC
AUXL
IN
Auxiliary audio input left
12
BAGNDC
TAPER
IN
Analog tape input right


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
   Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
   Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
   Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
   Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
   Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
   Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
   3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
   3 band car audio processor
September 2013
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
   3 BAND CAR AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com