Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 17 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 17 Page - Micronas

Back Button CAP3001A Datasheet HTML 13Page - Micronas CAP3001A Datasheet HTML 14Page - Micronas CAP3001A Datasheet HTML 15Page - Micronas CAP3001A Datasheet HTML 16Page - Micronas CAP3001A Datasheet HTML 17Page - Micronas CAP3001A Datasheet HTML 18Page - Micronas CAP3001A Datasheet HTML 19Page - Micronas CAP3001A Datasheet HTML 20Page - Micronas CAP3001A Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
17
2.1.22. Clock Generation
The CAP 3001 A processor has an integrated clock os-
cillator which is crystal-controlled and oscillates with the
frequency fECLK+16.416 MHz. All components of the
oscillator are integrated except for the quartz crystal.
This is connected to the QX1 and QX2 oscillator pins.
The crystal input QX2/ECLK can be used to supply the
CAP 3001 A externally with the required clock. In this
case no crystal is needed.
Following the clock oscillator is a frequency multiplier
with a factor of 3. The output of the frequency multiplier
delivers the fICLK internal clock frequency, by which the
DSP Core is clocked.
There is the possibility of pulling the fECLK oscillator fre-
quency in a range of 350 ppm, depending on the applica-
tion and the used crystal. This makes it possible to syn-
chronize the CAP 3001 A to the incoming pilot tone
signal in the case of MPX reception.
Table 2–1: Oscillator characteristics
DCO Content
Frequency
011111111B
000000000B
100000000B
fECLKmin
fECLK
fECLKmax
DCO Clock
Control
Register
Clock
Oscillator
Frequency
Multiplier
Clock
Pulse
Shaper
and
Frequency
Divider
Φ1
Φ2
Φ3
Φ4
9
39
38
62
fICLK
CLKOUT
fECLK
Fig. 2–17: Clock generator connections
GNDD
1 nF
ECLK
100 nF
39
38
external option


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com