Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 15 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 15 Page - Micronas

Back Button CAP3001A Datasheet HTML 11Page - Micronas CAP3001A Datasheet HTML 12Page - Micronas CAP3001A Datasheet HTML 13Page - Micronas CAP3001A Datasheet HTML 14Page - Micronas CAP3001A Datasheet HTML 15Page - Micronas CAP3001A Datasheet HTML 16Page - Micronas CAP3001A Datasheet HTML 17Page - Micronas CAP3001A Datasheet HTML 18Page - Micronas CAP3001A Datasheet HTML 19Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
15
2.1.20. The IM Bus Interface of the CAP 3001 A
MSB
LSB
shift
MSB
LSB
shift
IM Bus
Control
IMDATA
IABF
IDBF
Data Bus
10
16
IMCLK
IMIDENT
Fig. 2–14: IM-bus interface
The buffer part consists of a unidirectional address buff-
er IABF with a word length of 10 bit and the bidirectional
data buffer IDBF with a word length of 16 bit. It is only
possible to write to the address buffer from the peripher-
al equipment.
By means of the IM-bus interface it is possible, for exam-
ple, to alter the filter coefficients of the CAP 3001 A. For
this purpose the microcomputer writes an address and
a data word to the appropriate buffers IABF and IDBF.
The 10-bit address contains an address part of 8 bits
(bit 9 to bit 2), a read/write bit (bit 0) and an additional
bit (bit 1) which may be used, for example, for select-
ing one of the two address counter banks
(Fig. 2–15). Bits 0 and 1 have the following effect:
ABNK
+0 selects address counter bank 1
ABNK
+1 selects address counter bank 2
R/W
+0 selects Write, microcomputer wants to write
R/W
+1 selects Read, microcomputer wants to read
MSB
R/W
ABNK
LSB
Address
Fig. 2–15: Address format
The following convention is applicable to the data trans-
fer: The last bit written always becomes the MSB of IABF
or IDBF. If fewer bits are transferred than the respective
buffer size, the unused bits are set to zero in IDBF but
remain undefined in IABF. For the output: the first bit out-
put is always the LSB of the IDBF.
2.1.21. Description of the IM Bus
The IM-bus consists of three lines for the signals Ident
(IMIDENT), Clock (IMCLK) and Data (IMDATA). The
clock frequency range is 50 Hz to 1 MHz. Ident and clock
are unidirectional from the controller to the slave ICs,
Data is bidirectional. Bidirectionality is achieved by us-
ing open-drain outputs with on-resistances of 150 Ohm
maximum. The 2.5 k
Ω pull-up resistor common to all out-
puts is incorporated in the controller.
The timing of a complete IM-bus transaction is shown in
Fig. 2–16. In the non-operative state the signals of all
three bus lines are High. To start a transaction, the con-
troller sets the ID signal to Low level, indicating an ad-
dress transmission, sets the CL signal to Low level and
switches the first bit on the Data line. Then 10 address
bits are transmitted, beginning with the LSB. Data take-
over in the slave ICs occurs at the positive edge of the
clock signal. At the end of the address byte the ID signal
goes High, initiating the address comparison in the slave
circuits. In the addressed slave the IM-bus interface
switches over to Data read or write, because these func-
tions are correlated to the address.
In the case of a read operation, a fixed wait period has
to be observed. This period is defined by the IM-bus han-
dler in the DSP software. For practical reasons this part
of the program does not run at the full sampling rate. It
is recommended to place the IM-bus handler in a “low
speed” time slice in order to save processing power.
For a write operation this wait period does not have to be
observed, but please note that the maximum rate of IM-
bus transmissions is normally limited by the DSP soft-
ware.
Also controlled by the address the controller now trans-
mits sixteen clock pulses, and accordingly two Bytes of
data are written into the addressed IC or read out from
it, beginning with the LSB. The completion of the bus
transaction is signalled by a short Low state pulse of the
ID signal. This initiates the storing of the transferred
data. A bus transaction may be interrupted for up to
10 ms.


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com