Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 14 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 14 Page - Micronas

Back Button CAP3001A Datasheet HTML 10Page - Micronas CAP3001A Datasheet HTML 11Page - Micronas CAP3001A Datasheet HTML 12Page - Micronas CAP3001A Datasheet HTML 13Page - Micronas CAP3001A Datasheet HTML 14Page - Micronas CAP3001A Datasheet HTML 15Page - Micronas CAP3001A Datasheet HTML 16Page - Micronas CAP3001A Datasheet HTML 17Page - Micronas CAP3001A Datasheet HTML 18Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
14
SDATA
SCLK_IN/OUT
WS_IN/OUT
16, 24, 32 x Tbck
Tbck
1 Tbck: programmable
MSB
LSB
LSB
MSB
MSB/LSB first programmable
0, 8, 16 x Tbck: programmable delay
polarity
programmable
Tbck
+1/Fbck
Fbck
+32@Fsaudio or
Fbck
+48@Fsaudio or
Fbck
+64@Fsaudio
Fig. 2–13: Timing of the signals
ERR
The modes are:
– 16-bit wordframe
in this case the programmable delay is set to zero;
– 24-bit wordframe
in this case the programmable delay is set either to 0
or to 8
Tbck;
this allows left or right adjusted handling of the 16 data
bits
– 32-bit wordframe
in this case the programmable delay is set either to 0
or to 16
Tbck;
this allows left or right adjusted handling of the 16 data
bits.
In all modes:
MSB or LSB-first can be selected;
one bit delay between active slope of WSI/O and first
wordframe bit is programmable;
the polarity of WSI/O can be programmed ;
in the 24 and 32-bit wordframes the open data bit loca-
tions are MSB or LSB extended (depends on left or right
adjustment).
Input format and output format can be programmed sep-
arately. The restrictions are:
A 24-bit wordframe can only be sent if a 24-bit word-
frame is also received. In the analog input mode, the
24-bit wordframe output is not allowed.


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com