Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 7 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 7 Page - Micronas

Back Button CAP3001A Datasheet HTML 3Page - Micronas CAP3001A Datasheet HTML 4Page - Micronas CAP3001A Datasheet HTML 5Page - Micronas CAP3001A Datasheet HTML 6Page - Micronas CAP3001A Datasheet HTML 7Page - Micronas CAP3001A Datasheet HTML 8Page - Micronas CAP3001A Datasheet HTML 9Page - Micronas CAP3001A Datasheet HTML 10Page - Micronas CAP3001A Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
7
After buffering (ABUF) and switching (AMUX) in the AF-
mode the signals are converted into digital form by 2 A/D
converters (ADCs). Their output is 1 bit at a rate of 8.208
MHz; in each of the two channels in the CAP 3001 A
there is a cascade of 3 lowpass filters (LPF02, LPF23
and LPF34), which suppresses the high-frequency
noise produced by the ADCs. The outputs of the filters
LPF34 are 16 bits wide and are sampled with 38 kHz;
these samples are transmitted via the input buffer to the
DSP core. After processing in the DSP, the samples are
interpolated to the eightfold sampling rate and converted
into analog shape by 2 D/A converters (DACs), filtered
(ALPF) and optionally attenuated (AVOL) to feed the
power amplifiers which produce the signals for four loud-
speakers.
It is assumed that the process of stereo multiplexing
used in radio broadcasting is known. The main FM-mod-
ulator can be modulated by the sum signal of left and
right channel (in baseband), a pilot tone, the difference
channel (AM-modulated, suppressed carrier), an op-
tional ARI signal (AM-modulated, unsuppressed carrier)
and optionally up to 3 SCA signals (FM-modulated). The
composite signal is the so-called MPX signal. So a vari-
ety of signals ride “piggy-back” on the main carrier,
which was originally assigned only for monophonic
transmission. In the CAP 3001 A, the SCA signals are
regarded as disturbing signals while the others are re-
garded as useful.
In the MPX-mode there is an analog mixer AMIX in front
of the ADCs. It mixes the difference band down to base-
band. The sum channel and the difference channel are
then treated like the other baseband signals. Digital
quadrature mixers ARIMX and PILMX extract the ARI-
information and the information of the pilot signal, re-
spectively.
By means of digital mixers the pilot tone and the ARI sig-
nal are mixed down to zero intermediate frequency in
quadrature representation, where their information is
sampled and sent to the DSP core. The demodulation of
the ARI signal is done by the DSP software. The band-
width of this ARI channel is sufficient to allow demodula-
tion of an RDS (Radio Data System) signal by DSP soft-
ware as well. Beside these main blocks, there are other
systems. The analog field strength information FS deliv-
ered by AM and FM tuners is A/D-converted; after low-
pass-filtering (LPF06) the samples are sent to the DSP
core, where the information could be used to control
some parameters of the entire system. Other input sig-
nals, such as signals from an external microphone and
from external potentiometers are selected by an analog
multiplexer, A/D-converted, lowpass-filtered and sent to
the DSP or to the controller via the IM-bus interface
(IMIF). The IM-bus interface is also able to receive data
from the external microcontroller and to control the sys-
tems on the CAP 3001 A.
2.1.5. Analog Input Systems
Fig. 2–3 shows all analog inputs and functions of the
switches S0 to S3.
MPX0
AML
TAPEL
AUXL
AMR
TAPER
AUXR
MPX1
POT2
POT3
POT4
POT5/
AVC
FMLEVEL
MPLEVEL
AMLEVEL
Main 1
Main 2
ARI/RDS
Pot
Level
S0
S0
S2
S3
S1
0
1
2
3
0
1
2
3
0
1
0
1
2
3
4
5
0
1
2
1
0
S4
Fig. 2–3: Analog input systems
420 to 430 kHz
38 kHz
POT1/
2.1.6. Buffers ABUF
The analog input buffers have to adjust the individual de-
sired input levels in order to cover the entire volume
range of the A/D-converters.
The inputs can be divided into two groups: those which
have to be connected via external capacitors, and those
that are DC-coupled. One of these inputs, the POT5/
AVC-input, uses the same pin, but is DC-coupled if used
as POT5, and AC-coupled if used as AVC.
Note: Input pins POT2 to POT5 are switchable to digital
outputs via the IM-bus interface. This feature is made
possible by open drain transistors and external pull-up
resistors down to 1 k
Ω.


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com