Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 6 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 6 Page - Micronas

Back Button CAP3001A Datasheet HTML 2Page - Micronas CAP3001A Datasheet HTML 3Page - Micronas CAP3001A Datasheet HTML 4Page - Micronas CAP3001A Datasheet HTML 5Page - Micronas CAP3001A Datasheet HTML 6Page - Micronas CAP3001A Datasheet HTML 7Page - Micronas CAP3001A Datasheet HTML 8Page - Micronas CAP3001A Datasheet HTML 9Page - Micronas CAP3001A Datasheet HTML 10Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
6
2.1.4. Operating Modes
The CAP 3001 A possesses 4 main operating modes:
1) MPX-mode
In this mode, the CAP 3001 A receives the multiplex sig-
nal of an FM transmission, containing sum and differ-
ence channel, the pilot tone and the signals needed for
travel information (ARI, RDS). The FM-demodulation
has to take place inside the conventional tuner. The mix-
ing of the difference band is done by an analog mixer in
front of the A/D-converters in order to achieve the neces-
sary quality for FM stereo. The ARI and RDS signals and
the pilot tone are extracted digitally.
2) AF-mode
In this mode the CAP 3001 A works transparently; the in-
coming signals are only A/D-converted and then trans-
mitted to the DSP core.
3) XDS-mode
In this mode there is an external digital source (XDS, e.g.
a CD player) which sends its digital data to the CAP 3001
A for further processing and for the reconverting to ana-
log signals. The CAP 3001 A can be adapted to the sam-
pling rate prescribed by the external digital source; in
addition the input systems of the CAP 3001 A remain ac-
tive in order to monitor the traffic information (ARI/RDS).
4) AM-IF mode
In this mode, the CAP 3001 A receives input signals in
the AM-IF range (i.e. 450 to 460 kHz). By a special ana-
log mixer in front of the A/D conversion, the AM signal is
mixed down to a frequency of 19 kHz. AM mono and ste-
reo (C-QUAM) are demodulated in the DSP software.
CAP 3001 A
FM
FM
Tuner
IF
AM
Tuner & IF
AMIF
MPX
FMLEVEL
FMTUNOUT
FMOSCIN
AMOSCIN
AMTUNOUT
µController
Fig. 2–2: CAP 3001 A system overview
LF
LR
RF
RR


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com