Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 34 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 34 Page - Micronas

Back Button CAP3001A Datasheet HTML 29Page - Micronas CAP3001A Datasheet HTML 30Page - Micronas CAP3001A Datasheet HTML 31Page - Micronas CAP3001A Datasheet HTML 32Page - Micronas CAP3001A Datasheet HTML 33Page - Micronas CAP3001A Datasheet HTML 34Page - Micronas CAP3001A Datasheet HTML 35Page - Micronas CAP3001A Datasheet HTML 36Page - Micronas CAP3001A Datasheet HTML 37Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
34
8. Index
A
A/D Converters, 8
Absolute Maximum Ratings, 24
Analog Input Signals, 7
Analog Outputs, 12
Analog Volume Control, 12
Application Circuit, 33
ARI Travel Information, 11
ASU Noise Canceller, 12
B
Block Diagram CAP 3001 A, 5
C
Characteristics, 27
Clock Generation, 17
Crystal, 17, 27
D
D/A Converters, 12
DCO, 17
Decimation, 8
Digital Audio Interface, 13
Digital Filters, 8
DSP, 4, 5
F
FM/AM Tuning, 31
I
I2S-bus, 13
IM-Bus Interface, 15
Input Signals, 7
Interpolation, 8
M
MPX Signal, 6, 7
O
Operating Modes, 6
Oscillator, 17
Outline Dimensions, 18
Oversampling, 12
P
Pilot Tone, 9
Pin Configuration, 23
Pin Connections and Short Descriptions, 18
Potentiometer Inputs, 7
Power-Up Sequence, 31
R
RDS, 6, 7, 11
Recommended Operating Conditions, 24
Reset, 31
S
SNR, 28
Stereo Mixer, 8
Stereo PLL, 8
Synthesizer, 31
T
THD+N, 28
Tuning System, 31, 32
V
Volume Control, 12


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
logo
Princeton Technology Co...
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com