Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAP3001A Datasheet(PDF) 31 Page - Micronas

No. de pieza CAP3001A
Descripción Electrónicos  Car Audio Processor Hardware
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICRONAS [Micronas]
Página de inicio  http://www.micronas.com
Logo MICRONAS - Micronas

CAP3001A Datasheet(HTML) 31 Page - Micronas

Back Button CAP3001A Datasheet HTML 27Page - Micronas CAP3001A Datasheet HTML 28Page - Micronas CAP3001A Datasheet HTML 29Page - Micronas CAP3001A Datasheet HTML 30Page - Micronas CAP3001A Datasheet HTML 31Page - Micronas CAP3001A Datasheet HTML 32Page - Micronas CAP3001A Datasheet HTML 33Page - Micronas CAP3001A Datasheet HTML 34Page - Micronas CAP3001A Datasheet HTML 35Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
CAP 3001 A
MICRONAS INTERMETALL
31
4. Starting the Processor
After power-up, the crystal oscillator has to have been
started before the Reset reaches high level. An addition-
al wait time of 0.4 ms has to be taken into account be-
cause of a DSP-internal self-test algorithm. Then a de-
fined start of the system can take place. Fig. 4–1 shows
the complete startup sequence of the typical application.
The DCO register is loaded with a precisely defined-
mean value.
2.4 V
4.75 V
VSUPD
VSUPA
Crystal
Oscillator
Reset
> 0.4 ms
> 1 ms
Fig. 4–1: Startup sequence
5. Synthesizer
With the synthesizer block in the CAP 3001 A, a PLL tun-
ing system can be implemented for FM and AM receiv-
ers. The signal picked up from the mixing oscillators of
the FM and AM tuners can be fed to the synthesizer
block by means of highly sensitive input pins. Freely pro-
grammable dividers, operating with frequencies up to
and over 100 MHz, scale the incoming signals to a refer-
ence frequency of 25 kHz. This holds true even in the
case of AM, which gives AM tuning a considerable
speed improvement over common designs. In order to
get a tuning step size of down to 300 Hz, the reference
divider is also programmable. Incoming frequencies in
the range of 0.5 MHz up to more than 100 MHz can be
handled, so that the designer is free to choose either a
10.7 MHz or a 450 to 460 kHz IF frequency for the AM
case. The common reference frequency for AM and FM
allows the implementation of a common PLL filter for the
tuning output.
FMOSCIN
Programmable
Divider
(16 bit)
Φ
Reference
Clock
16.416
MHz or
external
REFCLK
Current
Source
Gain adjust
AMOSCIN
)
*
)
*
Filter
Filter
FMTUNOUT
AMTUNOUT
Program-
mable
Divider
(10 bit)
Fig. 5–1: Synthesizer block diagram
FMOSCREF
AMOSCREF


Número de pieza similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Power Integrations, Inc...
CAP300DG POWERINT-CAP300DG Datasheet
800Kb / 8P
Zero1 Loss Automatic X Capacitor Rapid Discharge IC with Optional Lossless Zero Crossing Signal Generator
November 2021
More results

Descripción similar - CAP3001A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
logo
Princeton Technology Co...
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
Stereo Audio Processor for Car Audio
February 2010
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
September 2013
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com